Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWS341 Datasheet (PDF) - Hexawave, Inc

HWS341 Datasheet PDF - Hexawave, Inc
Part # HWS341
Download  HWS341 Download
File Size   94.74 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-2.5 GHz SPDT High Power Switch

HWS341 Datasheet (PDF)

Go To PDF Page Download Datasheet
HWS341 Datasheet PDF - Hexawave, Inc

Part # HWS341
Download  HWS341 Click to download

File Size   94.74 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-2.5 GHz SPDT High Power Switch

HWS341 Datasheet (HTML) - Hexawave, Inc


HWS341 Product details

Description
The HWS341 is a GaAs MMIC SPDT high power switch in a low cost SOT-26 plastic package. The HWS341 features low insertion loss with very low DC power consumption. This high power switch can be used in GSM and PCS systems as selection of transmit or receive function for a common antenna.

Features
• Low Insertion Loss : 0.40 dB @ 0.9 GHz
• High Isolation: 28 dB @ 0.9 GHz
• Harmonics: <-65 dBc
• Low DC Power Consumption
• Low Cost SOT-26 Plastic Package




Similar Part No. - HWS341

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWS30-12 ETC2-HWS30-12 Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
HWS30-12A ETC2-HWS30-12A Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
logo
TDK Electronics
HWS30-12A TDK-HWS30-12A Datasheet
1,007Kb / 2P
Single Output Industrial Power Supplies
logo
List of Unclassifed Man...
HWS30-15 ETC2-HWS30-15 Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
HWS30-15A ETC2-HWS30-15A Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
More results


Similar Description - HWS341

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-277 MACOM-SW-277 Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
SW-279 MACOM-SW-279 Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS301 HW-HWS301 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS303 HW-HWS303 Datasheet
120Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS306 HW-HWS306 Datasheet
114Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS314 HW-HWS314 Datasheet
115Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418 HW-HWS418 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS435 HW-HWS435 Datasheet
70Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS443_V3 HW-HWS443_V3_15 Datasheet
59Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418_V3 HW-HWS418_V3_15 Datasheet
56Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com