Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWS341 Datasheet(PDF) 1 Page - Hexawave, Inc

Part # HWS341
Description  GaAs DC-2.5 GHz SPDT High Power Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS341 Datasheet(HTML) 1 Page - Hexawave, Inc

  HWS341 Datasheet HTML 1Page - Hexawave, Inc HWS341 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HWS341
GaAs DC-2.5 GHz SPDT High Power Switch
February 2006
V3
Hexawave Inc.
2 Prosperity Road II, Science Park, Hsinchu, Taiwan.
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Features
• Low Insertion Loss : 0.40 dB @ 0.9 GHz
•
•
•
• High Isolation: 28 dB @ 0.9 GHz
•
•
•
• Harmonics: <-65 dBc
•
•
•
• Low DC Power Consumption
•
•
•
• Low Cost SOT-26 Plastic Package
Description
The HWS341 is a GaAs MMIC SPDT high
power switch in a low cost SOT-26 plastic
package. The HWS341 features low insertion
loss with very low DC power consumption.
This high power switch can be used in GSM
and PCS systems as selection of transmit or
receive function for a common antenna.
SOT-26
Electrical Specifications at 25°C with 0, +3V Control Voltages
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Insertion Loss
DC-1.0 GHz
DC-2.0 GHz
DC-2.5 GHz
0.40
0.50
0.55
0.60
0.70
dB
dB
dB
Isolation
DC-1.0 GHz
DC-2.0 GHz
DC-2.5 GHz
25
19
27.5
21.5
19.0
dB
dB
dB
VSWR
DC-2.5 GHz
1.20:1
Input Power for One dB
0.5-2.5 GHz
38
dBm
2
nd & 3rd Harmonics
34 dBm @1 GHz
70
dBc
Switching Time
200
ns
Control Current
100
uA
Note: All measurements made in a 50 ohm system with 0/+3.0V control voltages, unless otherwise
specified.


Similar Part No. - HWS341

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWS30-12 ETC2-HWS30-12 Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
HWS30-12A ETC2-HWS30-12A Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
logo
TDK Electronics
HWS30-12A TDK-HWS30-12A Datasheet
1,007Kb / 2P
Single Output Industrial Power Supplies
logo
List of Unclassifed Man...
HWS30-15 ETC2-HWS30-15 Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
HWS30-15A ETC2-HWS30-15A Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
More results

Similar Description - HWS341

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-277 MACOM-SW-277 Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
SW-279 MACOM-SW-279 Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS301 HW-HWS301 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS303 HW-HWS303 Datasheet
120Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS306 HW-HWS306 Datasheet
114Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS314 HW-HWS314 Datasheet
115Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418 HW-HWS418 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS435 HW-HWS435 Datasheet
70Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS443_V3 HW-HWS443_V3_15 Datasheet
59Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418_V3 HW-HWS418_V3_15 Datasheet
56Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com