Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0167 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASWSS0167 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASWSS0167
Download  MASWSS0167 Download
File Size   76.88 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz

MASWSS0167 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWSS0167 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASWSS0167
Download  MASWSS0167 Click to download

File Size   76.88 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz

MASWSS0167 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASWSS0167 Product details

Description
The MASWSS0167 is a GaAs pHEMT MMIC single pole double throw (SPDT) switch in a lead-free 1.2 x 1.5 mm 6-lead PQFN package. This device is ideally suited for applications where low control voltage, low insertion loss, moderate isolation, small size and low cost are required.

Features
• Low Voltage Operation: 2.5 V
• Low Insertion Loss: 0.3 dB @ 1 GHz
• Isolation: 34 dB @ 2.4 GHz
• 0.5 micron GaAs pHEMT Process
• Lead-Free 1.2 x 1.5 mm 6-Lead PQFN Package
• Halogen-Free “Green” Mold Compound
• RoHS Compliant* and 260°C Reflow Compatible




Similar Part No. - MASWSS0167

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0167 MACOM-MASWSS0167 Datasheet
88Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0167 MA-COM-MASWSS0167 Datasheet
76Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
Tyco Electronics
MASWSS0167SMB MACOM-MASWSS0167SMB Datasheet
88Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
MASWSS0167TR-3000 MACOM-MASWSS0167TR-3000 Datasheet
88Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0167 MA-COM-MASWSS0167_15 Datasheet
76Kb / 3P
2.5 V GaAs SPDT Switch
More results


Similar Description - MASWSS0167

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5522 ANADIGICS-AWS5522 Datasheet
193Kb / 12P
0.5 to 2.5 GHz SPDT Switch
Rev 10.1
logo
Tyco Electronics
MASWSS0181 MACOM-MASWSS0181 Datasheet
199Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0167 MACOM-MASWSS0167 Datasheet
88Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0006 MA-COM-MASWSS0006 Datasheet
82Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
logo
Hexawave, Inc
HWS500 HW-HWS500 Datasheet
53Kb / 2P
GaAs 0.5-6 GHz SPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0167 MA-COM-MASWSS0167 Datasheet
76Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
logo
Hexawave, Inc
HWS522_V1 HW-HWS522_V1 Datasheet
61Kb / 2P
GaAs 0.5-6.0 GHz SPDT Switch
HWS511_V1 HW-HWS511_V1 Datasheet
63Kb / 2P
GaAs 0.5-3.0 GHz SPDT Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com