Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0006 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASWSS0006 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASWSS0006
Download  MASWSS0006 Download
File Size   82.8 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz

MASWSS0006 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWSS0006 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASWSS0006
Download  MASWSS0006 Click to download

File Size   82.8 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz

MASWSS0006 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASWSS0006 Product details

Description
M/A-COM’s MASWSS0006 is a GaAs PHEMT MMIC single pole double throw (SPDT) high power switch in a low cost SOT-26 package. The MASWSS0006 is ideally suited for applications where high power, low control voltage, low insertion loss, high isolation, small size and low cost are required.

Features
• Low Voltage Operation: 2.5 V
• Excellent Harmonics: <-67 dBc at +34 dBm & 1.0 GHz
• Low Insertion Loss: 0.40 dB at 1.0 GHz
• High Isolation: 20 dB at 2.0 GHz
• SOT-26 Package
• 0.5 micron GaAs PHEMT Process




Similar Part No. - MASWSS0006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0006 MACOM-MASWSS0006 Datasheet
239Kb / 5P
GaAs SP2T 2.5V High Power Switch DC - 3 GHz
MASWSS0006SMB MACOM-MASWSS0006SMB Datasheet
239Kb / 5P
GaAs SP2T 2.5V High Power Switch DC - 3 GHz
MASWSS0006TR MACOM-MASWSS0006TR Datasheet
239Kb / 5P
GaAs SP2T 2.5V High Power Switch DC - 3 GHz
More results


Similar Description - MASWSS0006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-277 MACOM-SW-277 Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
SW-279 MACOM-SW-279 Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
MASWSS0181 MACOM-MASWSS0181 Datasheet
199Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0167 MACOM-MASWSS0167 Datasheet
88Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
Hexawave, Inc
HWS341 HW-HWS341 Datasheet
94Kb / 2P
GaAs DC-2.5 GHz SPDT High Power Switch
logo
M/A-COM Technology Solu...
MASWSS0167 MA-COM-MASWSS0167 Datasheet
76Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0204 MA-COM-MASWSS0204 Datasheet
110Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASWSS0167 MA-COM-MASWSS0167 Datasheet
76Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com