Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0006 Datasheet (PDF) - Tyco Electronics

MASWSS0006 Datasheet PDF - Tyco Electronics
Part # MASWSS0006
Download  MASWSS0006 Download
File Size   239.14 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SP2T 2.5V High Power Switch DC - 3 GHz

MASWSS0006 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWSS0006 Datasheet PDF - Tyco Electronics

Part # MASWSS0006
Download  MASWSS0006 Click to download

File Size   239.14 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SP2T 2.5V High Power Switch DC - 3 GHz

MASWSS0006 Datasheet (HTML) - Tyco Electronics


MASWSS0006 Product details

Description
M/A-COM’s MASWSS0006 is a GaAs PHEMT MMIC single pole two throw (SP2T) high power switch in a low cost miniature SOT-26 package. The MASWSS0006 is ideally suited for applications where high power, low control voltage, low insertion loss, high isolation, small size and low cost are required. Typical applications are for GSM and DCS handset systems that connect separate transmit and receive functions to a common antenna, as well as other related handset and general purpose applications. This part can be used in all systems operating up to 3 GHz requiring high power at low control voltage.

Features
• Low Voltage Operation 2.5V
• Low Harmonics > 65 dBc at +34 dBm & 1 GHz
• Low Insertion Loss 0.45 dB at 1 GHz
• High Isolation 18.5 dB at 2 GHz
• Miniature SOT-26 Package
• 0.5 micron GaAs pHEMT Process




Similar Part No. - MASWSS0006

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0006 MA-COM-MASWSS0006 Datasheet
82Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0006SMB MA-COM-MASWSS0006SMB Datasheet
82Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0006TR MA-COM-MASWSS0006TR Datasheet
82Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0006TR-3000 MA-COM-MASWSS0006TR-3000 Datasheet
82Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
More results


Similar Description - MASWSS0006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0020 MACOM-MASWSS0020 Datasheet
261Kb / 5P
GaAs SP4T 2.5V High Power Switch DC - 3 GHz
MASWSS0033 MACOM-MASWSS0033 Datasheet
241Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
SW-106 MACOM-SW-106 Datasheet
105Kb / 3P
High Power GaAs SPDT Switch DC - 3 GHz
SW-489 MACOM-SW-489 Datasheet
255Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
MASW-007813 MACOM-MASW-007813 Datasheet
98Kb / 4P
GaAs SP4T High Power Switch DC - 3 GHz
MASW-007072-000100 MACOM-MASW-007072-000100 Datasheet
246Kb / 5P
GaAs SP2T Switch, Absorptive, Switch with ASIC Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007813 MA-COM-MASW-007813 Datasheet
112Kb / 4P
GaAs SP4T High Power Switch DC - 3 GHz
MASW-009444 MA-COM-MASW-009444 Datasheet
82Kb / 4P
GaAs SP2T 1.8 V Switch DC - 6.0 GHz
MASW-009588 MA-COM-MASW-009588 Datasheet
260Kb / 4P
GaAs SP2T Switch
MASW-009588 MA-COM-MASW-009588_15 Datasheet
687Kb / 5P
GaAs SP2T Switch
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com