Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0033 Datasheet (PDF) - Tyco Electronics

MASWSS0033 Datasheet PDF - Tyco Electronics
Part # MASWSS0033
Download  MASWSS0033 Download
File Size   241.77 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz

MASWSS0033 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWSS0033 Datasheet PDF - Tyco Electronics

Part # MASWSS0033
Download  MASWSS0033 Click to download

File Size   241.77 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz

MASWSS0033 Datasheet (HTML) - Tyco Electronics


MASWSS0033 Product details

Description
M/A-COM’s MASWSS0033 is a GaAs PHEMT MMIC SP3T high power switch in a low cost miniature FQFP 12-lead 3x3mm thin profile package. This package represents a lower profile than standard FQFP style, featuring a 0.8mm maximum thickness.
The MASWSS0033 is ideally suited for applications where high power, low control voltage, low insertion loss, high isolation, small size and low cost are required. Typical applications are for GSM and DCS handset systems that connect separate transmit and receive functions to a common antenna, as well othe handset and related applications. This part can be used in all systems operating up to 2.5 GHz requiring high power at low control voltage.

Features
• Low Harmonic Knee Voltage < 2.5V
• Low Harmonics > 65 dBc at +34 dBm & 1 GHz
• Low Insertion Loss 0.45 dB at 1 GHz
• High Isolation 18.5 dB at 2 GHz
• FQFP 12-lead 3x3mm Low Profile Package
• 0.5 micron GaAs pHEMT Process




Similar Part No. - MASWSS0033

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0039 MACOM-MASWSS0039 Datasheet
143Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0039 MA-COM-MASWSS0039 Datasheet
108Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
Tyco Electronics
MASWSS0039SMB MACOM-MASWSS0039SMB Datasheet
143Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0039SMB MA-COM-MASWSS0039SMB Datasheet
108Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
Tyco Electronics
MASWSS0039TR MACOM-MASWSS0039TR Datasheet
143Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
More results


Similar Description - MASWSS0033

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-489 MACOM-SW-489 Datasheet
255Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
MASW-008330 MACOM-MASW-008330 Datasheet
136Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MACOM-MASWSS0028 Datasheet
142Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0100 MACOM-MASWSS0100 Datasheet
103Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
logo
Hexawave, Inc
HWS467 HW-HWS467 Datasheet
65Kb / 2P
GaAs DC-2.5 GHz SP3T Switch
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MA-COM-MASWSS0028 Datasheet
93Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0100 MA-COM-MASWSS0100 Datasheet
65Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
SW-489 MA-COM-SW-489 Datasheet
87Kb / 3P
GaAs SP3T 2.5 V High Power Switch DC - 2.5 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com