Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-008330 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASW-008330 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASW-008330
Download  MASW-008330 Download
File Size   108.67 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SP3T 2.5 V Switch DC - 3.0 GHz

MASW-008330 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-008330 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASW-008330
Download  MASW-008330 Click to download

File Size   108.67 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SP3T 2.5 V Switch DC - 3.0 GHz

MASW-008330 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASW-008330 Product details

Description
M/A-COM’s MASW-008330 is a GaAs PHEMT MMIC single pole three throw (SP3T) switch in a lead-free 2 mm 8-lead PDFN package. The MASW- 008330 is ideally suited for applications where low control voltage, low insertion loss, high isolation, small size and low cost are required.
Typical applications are for filter and antenna switching in handset systems that connect separate receive functions to a common antenna, as well as other related handset and general purpose applications. This part can be used in all systems operating up to 3 GHz requiring low control voltage.

Features
• Low Voltage Operation: 2.5V
• Low Insertion Loss: 0.3 dB at 1 GHz
• 0.5 micron GaAs PHEMT Process
• Lead-Free 2 mm 8-Lead PDFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free ―Green‖ Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant version of MASWSS0028




Similar Part No. - MASW-008330

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-008330 MACOM-MASW-008330 Datasheet
136Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
GaAs SP3T 2.5 V Switch
logo
Tyco Electronics
MASW-008330-000SMB MACOM-MASW-008330-000SMB Datasheet
136Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-008330-001SMB MA-COM-MASW-008330-001SMB Datasheet
590Kb / 4P
Lead-Free 2 mm 8-Lead PDFN Package
logo
Tyco Electronics
MASW-008330-TR3000 MACOM-MASW-008330-TR3000 Datasheet
136Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
More results


Similar Description - MASW-008330

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-008330 MACOM-MASW-008330 Datasheet
136Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MACOM-MASWSS0028 Datasheet
142Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0065 MACOM-MASWSS0065 Datasheet
194Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0100 MACOM-MASWSS0100 Datasheet
103Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
logo
Hexawave, Inc
HWS467 HW-HWS467 Datasheet
65Kb / 2P
GaAs DC-2.5 GHz SP3T Switch
logo
M/A-COM Technology Solu...
MASWSS0199 MA-COM-MASWSS0199 Datasheet
83Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0028 MA-COM-MASWSS0028 Datasheet
93Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0100 MA-COM-MASWSS0100 Datasheet
65Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
SW-489 MA-COM-SW-489 Datasheet
87Kb / 3P
GaAs SP3T 2.5 V High Power Switch DC - 2.5 GHz
MASWSS0200 MA-COM-MASWSS0200 Datasheet
102Kb / 3P
GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com