Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWS467 Datasheet (PDF) - Hexawave, Inc

HWS467 Datasheet PDF - Hexawave, Inc
Part # HWS467
Download  HWS467 Download
File Size   65.33 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-2.5 GHz SP3T Switch

HWS467 Datasheet (PDF)

Go To PDF Page Download Datasheet
HWS467 Datasheet PDF - Hexawave, Inc

Part # HWS467
Download  HWS467 Click to download

File Size   65.33 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-2.5 GHz SP3T Switch

HWS467 Datasheet (HTML) - Hexawave, Inc


HWS467 Product details

Description
The HWS467 is a GaAs SP3T switch operating at DC-2.5 GHz in a low cost miniature QFN12L (3 x 3 mm) plastic lead (Pb) free package. The HWS467 features low insertion loss with very low DC power consumption. This switch can be used in wireless applications for selection of Bluetooth and IEEE 802.11b/g transmit/receive functions.

Features
• Low Insertion Loss: 0.4 dB @ 1.0 GHz 0.5 dB @ 2.5 GHz
• Isolation: 27 dB @ 1.0 GHz 20 dB @ 2.5 GHz
• Low DC Power Consumption
• Miniature QFN12L (3x3 mm) Plastic Lead (Pb) Free Package
• RoHS (Restrict of Hazardous Substances) Compliant




Similar Part No. - HWS467

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS467_V4 HW-HWS467_V4_15 Datasheet
59Kb / 2P
GaAs 0.5-3GHz SPDT Switch
More results


Similar Description - HWS467

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0033 MACOM-MASWSS0033 Datasheet
241Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
SW-489 MACOM-SW-489 Datasheet
255Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
MASW-008330 MACOM-MASW-008330 Datasheet
136Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MACOM-MASWSS0028 Datasheet
142Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0065 MACOM-MASWSS0065 Datasheet
194Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0200 MACOM-MASWSS0200 Datasheet
187Kb / 3P
GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MA-COM-MASWSS0028 Datasheet
93Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0060 MA-COM-MASWSS0060 Datasheet
77Kb / 3P
GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
SW-489 MA-COM-SW-489 Datasheet
87Kb / 3P
GaAs SP3T 2.5 V High Power Switch DC - 2.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com