Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-008330 Datasheet (PDF) - Tyco Electronics

MASW-008330 Datasheet PDF - Tyco Electronics
Part # MASW-008330
Download  MASW-008330 Download
File Size   136.82 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SP3T 2.5 V Switch DC - 3.0 GHz

MASW-008330 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-008330 Datasheet PDF - Tyco Electronics

Part # MASW-008330
Download  MASW-008330 Click to download

File Size   136.82 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SP3T 2.5 V Switch DC - 3.0 GHz

MASW-008330 Datasheet (HTML) - Tyco Electronics


MASW-008330 Product details

Description
M/A-COM’s MASW-008330 is a GaAs PHEMT MMIC single pole three throw (SP3T) switch in a lead-free 2 mm 8-lead PDFN package. The MASW- 008330 is ideally suited for applications where low control voltage, low insertion loss, high isolation, small size and low cost are required.
Typical applications are for filter and antenna switching in handset systems that connect separate receive functions to a common antenna, as well as other related handset and general purpose applications. This part can be used in all systems operating up to 3 GHz requiring low control voltage.

Features
• Low Voltage Operation: 2.5V
• Low Insertion Loss: 0.3 dB at 1 GHz
• 0.5 micron GaAs PHEMT Process
• Lead-Free 2 mm 8-Lead PDFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant version of MASWSS0028




Similar Part No. - MASW-008330

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
GaAs SP3T 2.5 V Switch
MASW-008330-001SMB MA-COM-MASW-008330-001SMB Datasheet
108Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASW-008330-001SMB MA-COM-MASW-008330-001SMB Datasheet
590Kb / 4P
Lead-Free 2 mm 8-Lead PDFN Package
MASW-008330-TR3000 MA-COM-MASW-008330-TR3000 Datasheet
108Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
More results


Similar Description - MASW-008330

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0028 MACOM-MASWSS0028 Datasheet
142Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0065 MACOM-MASWSS0065 Datasheet
194Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0100 MACOM-MASWSS0100 Datasheet
103Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
logo
Hexawave, Inc
HWS467 HW-HWS467 Datasheet
65Kb / 2P
GaAs DC-2.5 GHz SP3T Switch
logo
M/A-COM Technology Solu...
MASWSS0199 MA-COM-MASWSS0199 Datasheet
83Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MA-COM-MASWSS0028 Datasheet
93Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0100 MA-COM-MASWSS0100 Datasheet
65Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
SW-489 MA-COM-SW-489 Datasheet
87Kb / 3P
GaAs SP3T 2.5 V High Power Switch DC - 2.5 GHz
MASWSS0200 MA-COM-MASWSS0200 Datasheet
102Kb / 3P
GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com