Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0033 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSS0033
Description  GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0033 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSS0033 Datasheet HTML 1Page - Tyco Electronics MASWSS0033 Datasheet HTML 2Page - Tyco Electronics MASWSS0033 Datasheet HTML 3Page - Tyco Electronics MASWSS0033 Datasheet HTML 4Page - Tyco Electronics MASWSS0033 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
• Low Harmonic Knee Voltage < 2.5V
• Low Harmonics > 65 dBc at +34 dBm & 1 GHz
• Low Insertion Loss 0.45 dB at 1 GHz
• High Isolation 18.5 dB at 2 GHz
• FQFP 12-lead 3x3mm Low Profile Package
• 0.5 micron GaAs pHEMT Process
Description
M/A-COM’s MASWSS0033 is a GaAs PHEMT MMIC
SP3T high power switch in a low cost miniature FQFP
12-lead 3x3mm thin profile package. This package
represents a lower profile than standard FQFP style,
featuring a 0.8mm maximum thickness.
The MASWSS0033 is ideally suited for applications
where high power, low control voltage, low insertion
loss, high isolation, small size and low cost are re-
quired. Typical applications are for GSM and DCS
handset systems that connect separate transmit and
receive functions to a common antenna, as well othe
handset and related applications. This part can be
used in all systems operating up to 2.5 GHz requiring
high power at low control voltage.
The MASWSS0033 is fabricated using a 0.5 micron
gate length GaAs PHEMT process. The process fea-
tures full passivation for performance and reliability.
GaAs SP3T 2.5V High Power Switch
DC - 2.5 GHz
PIN
No.
PIN Name
Description
1
V3
Control 3
2
RF3
RF Port 3
3
GND
RF Ground
4
GND
RF Ground
5
RF2
RF Port 2
6
V2
Control 2
7
GND
RF Ground
8
RF1
RF Port 1
9
V1
Control 1
10
GND
RF Ground
11
ANT
Antenna Port
12
GND
RF Ground
13
GND (paddle)
RF Ground
Functional Schematic
Pin Configuration
Preliminary
Feb 12 2002
Parameter
Absolute
Maximum
Max Input Power (0.5 - 2.5 GHz,
2.5V Control)
+38 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40 oC to +85 oC
Storage Temperature
-65 oC to +150 oC
Absolute Maximum Ratings 1
1. Exceeding any one or combination of these limits may
cause permanent damage.
RF3
RF1
V1
GND
GND
V3
100 pF
100 pF
PIN 1


Similar Part No. - MASWSS0033

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0039 MACOM-MASWSS0039 Datasheet
143Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0039 MA-COM-MASWSS0039 Datasheet
108Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
Tyco Electronics
MASWSS0039SMB MACOM-MASWSS0039SMB Datasheet
143Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0039SMB MA-COM-MASWSS0039SMB Datasheet
108Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
Tyco Electronics
MASWSS0039TR MACOM-MASWSS0039TR Datasheet
143Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
More results

Similar Description - MASWSS0033

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-489 MACOM-SW-489 Datasheet
255Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
MASW-008330 MACOM-MASW-008330 Datasheet
136Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MACOM-MASWSS0028 Datasheet
142Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0100 MACOM-MASWSS0100 Datasheet
103Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
logo
Hexawave, Inc
HWS467 HW-HWS467 Datasheet
65Kb / 2P
GaAs DC-2.5 GHz SP3T Switch
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MA-COM-MASWSS0028 Datasheet
93Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0100 MA-COM-MASWSS0100 Datasheet
65Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
SW-489 MA-COM-SW-489 Datasheet
87Kb / 3P
GaAs SP3T 2.5 V High Power Switch DC - 2.5 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com