Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-007813 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASW-007813 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASW-007813
Download  MASW-007813 Download
File Size   112.31 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SP4T High Power Switch DC - 3 GHz

MASW-007813 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-007813 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASW-007813
Download  MASW-007813 Click to download

File Size   112.31 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SP4T High Power Switch DC - 3 GHz

MASW-007813 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASW-007813 Product details

Description
M/A-COM’s MASW-007813 is a GaAs pHEMT MMIC single pole four throw (SP4T) high power switch in a low cost, low profile, lead-free 3 mm PQFN 16-lead package. The MASW-007813 is ideally suited for applications where high power, low control voltage, low insertion loss, high isolation, small size and low cost are required.

Features
• Low Voltage Operation: 2.5 V
• Low Harmonics: < -66 dBc at +34 dBm & 1 GHz
• Low Insertion Loss: 0.7 dB at 1 GHz
• High Isolation: 25 dB at 2 GHz
• 0.5 micron GaAs pHEMT Process
• Low Profile, Lead-Free 3 mm PQFN Package
• Halogen-Free ―Green‖ Mold Compound
• RoHS* Compliant and 260°C Re-flow Compatible




Similar Part No. - MASW-007813

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007813 MACOM-MASW-007813 Datasheet
98Kb / 4P
GaAs SP4T High Power Switch DC - 3 GHz
logo
M/A-COM Technology Solu...
MASW-007813 MA-COM-MASW-007813 Datasheet
112Kb / 4P
GaAs SP4T High Power Switch
MASW-007813-001SMB MA-COM-MASW-007813-001SMB Datasheet
603Kb / 5P
GaAs SP4T High Power Switch
logo
Tyco Electronics
MASW-007813-TR3000 MACOM-MASW-007813-TR3000 Datasheet
98Kb / 4P
GaAs SP4T High Power Switch DC - 3 GHz
logo
M/A-COM Technology Solu...
MASW-007813-TR3000 MA-COM-MASW-007813-TR3000 Datasheet
603Kb / 5P
GaAs SP4T High Power Switch
More results


Similar Description - MASW-007813

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0020 MACOM-MASWSS0020 Datasheet
261Kb / 5P
GaAs SP4T 2.5V High Power Switch DC - 3 GHz
SW-314 MACOM-SW-314 Datasheet
229Kb / 3P
GaAs SP4T Absorptive Switch, DC - 3 GHz
SW15-0314 MACOM-SW15-0314 Datasheet
228Kb / 3P
GaAs SP4T Absorptive Switch, DC - 3 GHz
MASW-007813 MACOM-MASW-007813 Datasheet
98Kb / 4P
GaAs SP4T High Power Switch DC - 3 GHz
MASW4060G MACOM-MASW4060G Datasheet
63Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
logo
Hexawave, Inc
HWS451 HW-HWS451 Datasheet
126Kb / 2P
GaAs DC-6 GHz SP4T Switch
logo
M/A-COM Technology Solu...
MASWSS0118 MA-COM-MASWSS0118 Datasheet
75Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASW4060G MA-COM-MASW4060G Datasheet
97Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
MASW-008566 MA-COM-MASW-008566 Datasheet
119Kb / 4P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASW4060G MA-COM-MASW4060G_15 Datasheet
517Kb / 4P
GaAs SP4T Switch DC - 4.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com