Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-008566 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASW-008566 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASW-008566
Download  MASW-008566 Download
File Size   119.46 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz

MASW-008566 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-008566 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASW-008566
Download  MASW-008566 Click to download

File Size   119.46 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz

MASW-008566 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASW-008566 Product details

Description

M/A-COM’s MASW-008566 is a GaAs PHEMT MMIC single pole four throw (SP4T) high power switch in a low cost 4 mm 16-lead PQFN package. The MASW-008566 is ideally suited for applications where high power, low control voltage, low insertion loss, high isolation, small size, and low cost are required.



Features

•  Low Voltage Operation: 2.5 V

•  Low Harmonics: < -65 dBc at +34 dBm & 1 GHz

•  Low Insertion Loss: 0.65 dB @ 1 GHz

•  High Isolation: 23 dB @ 2 GHz

•  0.5 micron GaAs PHEMT Process

•  Lead-Free 4mm 16-lead PQFN Package

•  100% Matte Tin Plating over Copper

•  Halogen-Free “Green” Mold Compound

•  260°C Reflow Compatible

•  RoHS* Compliant Version of MASWSS0118




Similar Part No. - MASW-008566

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-008566 MACOM-MASW-008566 Datasheet
100Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-008566 MA-COM-MASW-008566 Datasheet
119Kb / 4P
GaAs SP4T 2.5 V High Power Switch
MASW-008566-001SMB MA-COM-MASW-008566-001SMB Datasheet
639Kb / 5P
GaAs SP4T 2.5 V High Power Switch
logo
Tyco Electronics
MASW-008566-TR3000 MACOM-MASW-008566-TR3000 Datasheet
100Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-008566-TR3000 MA-COM-MASW-008566-TR3000 Datasheet
639Kb / 5P
GaAs SP4T 2.5 V High Power Switch
More results


Similar Description - MASW-008566

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0181 MACOM-MASWSS0181 Datasheet
199Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASW-008566 MACOM-MASW-008566 Datasheet
100Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0118 MACOM-MASWSS0118 Datasheet
206Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
SW-314-PIN MACOM-SW-314-PIN Datasheet
160Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
SW15-0314 MA-COM-SW15-0314 Datasheet
117Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
MASWSS0006 MA-COM-MASWSS0006 Datasheet
82Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0118 MA-COM-MASWSS0118 Datasheet
75Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWCC0009 MA-COM-MASWCC0009_15 Datasheet
864Kb / 7P
GaAs SP4T Switch, Absorptive DC - 3.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com