Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-008566 Datasheet (PDF) - Tyco Electronics

MASW-008566 Datasheet PDF - Tyco Electronics
Part # MASW-008566
Download  MASW-008566 Download
File Size   100.12 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz

MASW-008566 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-008566 Datasheet PDF - Tyco Electronics

Part # MASW-008566
Download  MASW-008566 Click to download

File Size   100.12 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz

MASW-008566 Datasheet (HTML) - Tyco Electronics


MASW-008566 Product details

Description
M/A-COM’s MASW-008566 is a GaAs PHEMT MMIC single pole four throw (SP4T) high power switch in a low cost 4 mm 16-lead PQFN package. The MASW-008566 is ideally suited for applications where high power, low control voltage, low insertion loss, high isolation, small size, and low cost are required.
Typical applications are for GSM and DCS handset systems that connect separate transmit and receive functions to a common antenna, as well as other handset and related applications. This part can be used in all systems operating up to 3.0 GHz requiring high power at low control voltage.

Features
• Low Voltage Operation: 2.5 V
• Low Harmonics: < -65 dBc at +34 dBm & 1 GHz
• Low Insertion Loss: 0.65 dB at 1 GHz
• High Isolation: 23 dB at 2 GHz
• 0.5 micron GaAs PHEMT Process
• Lead-Free 4x4 mm PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MASWSS0118




Similar Part No. - MASW-008566

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008566 MA-COM-MASW-008566 Datasheet
119Kb / 4P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASW-008566 MA-COM-MASW-008566 Datasheet
119Kb / 4P
GaAs SP4T 2.5 V High Power Switch
MASW-008566-001SMB MA-COM-MASW-008566-001SMB Datasheet
119Kb / 4P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASW-008566-001SMB MA-COM-MASW-008566-001SMB Datasheet
639Kb / 5P
GaAs SP4T 2.5 V High Power Switch
MASW-008566-TR3000 MA-COM-MASW-008566-TR3000 Datasheet
119Kb / 4P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
More results


Similar Description - MASW-008566

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0181 MACOM-MASWSS0181 Datasheet
199Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0118 MACOM-MASWSS0118 Datasheet
206Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
SW-314-PIN MACOM-SW-314-PIN Datasheet
160Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
SW15-0314 MA-COM-SW15-0314 Datasheet
117Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
MASWSS0006 MA-COM-MASWSS0006 Datasheet
82Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0118 MA-COM-MASWSS0118 Datasheet
75Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASW-008566 MA-COM-MASW-008566 Datasheet
119Kb / 4P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWCC0009 MA-COM-MASWCC0009_15 Datasheet
864Kb / 7P
GaAs SP4T Switch, Absorptive DC - 3.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com