Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-007813 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-007813
Description  GaAs SP4T High Power Switch DC - 3 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-007813 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-007813 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-007813 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-007813 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-007813 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SP4T High Power Switch
DC - 3 GHz
Rev. V2
MASW-007813
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, VC = 0 V / 2.75 V, PIN = 34 dBm, Z0 = 50 Ω
4
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
5
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
—
—
—
0.7
0.8
1.0
0.85
—
—
Isolation
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
25
—
—
33
27
23
—
—
—
Return Loss
DC - 3 GHz
dB
—
20
—
P0.1dB
1 GHz
dBm
—
38
—
IP2
Two Tone, +26 dBm/Tone, 5 MHz spacing, > 50 MHz
dBm
—
96
—
IP3
Two Tone, +26 dBm/Tone, 5 MHz spacing, > 50 MHz
dBm
—
58
—
2nd Harmonic
1 GHz, Pin = +34 dBm
dBc
—
-76
-68
3rd Harmonic
1 GHz, Pin = +34 dBm
dBc
—
-68
-66
Trise, Tfall
10% to 90% RF, 90% to 10% RF
ns
—
40
—
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
ns
—
110
—
Transients
mV
—
40
—
Control Current
VC = 2.75 V
µA
—
20
80
4. For positive voltage control, external DC blocking capacitors are required on all RF ports.
5. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1 GHz, 39 pF for 0.5 GHz - 3 GHz.
V1
V2
V3
V4
ANT -
RF1
ANT -
RF2
ANT -
RF3
ANT -
RF4
1
0
0
0
On
Off
Off
Off
0
1
0
0
Off
On
Off
Off
0
0
1
0
Off
Off
On
Off
0
0
0
1
Off
Off
Off
On
Truth Table 6,7
6. Differential voltage, V (state 1) - V (state 0), must be +2.5 V
minimum and must not exceed 8.5 V.
7. 0 = -8.5 V to 0 V, 1 = -6 V to 8.5 V
Parameter
Absolute Maximum
Max Input Power
(0.5 - 3 GHz, 2.75 V Control)
+38 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40
°C to +85°C
Storage Temperature
-65
°C to +150°C
Absolute Maximum Ratings 8
8. Exceeding any one or combination of these limits may cause
permanent damage to this device.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com