Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0201 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASWSS0201 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASWSS0201
Download  MASWSS0201 Download
File Size   139.55 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch DC - 2.5 GHz

MASWSS0201 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWSS0201 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASWSS0201
Download  MASWSS0201 Click to download

File Size   139.55 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch DC - 2.5 GHz

MASWSS0201 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASWSS0201 Product details

Description
M/A-COM’s MASWSS0201 is a broadband GaAs PHEMT MMIC SPDT terminated switch in a low cost, lead-free 3 mm 12-lead PQFN package. The MASWSS0201 is ideally suited for applications where an unpowered on state is critical in a single control line SPDT terminated switch. The unpowered condition is the same as the VC = 0 condition. This part can also be configured as a reflective switch with minimal impact to the RF performance.

Features
• Ideal for CATV, DTV, DVR, STB Applications
• Default-On in Unpowered State (RFC-RF1 Path)
• Broadband Performance: DC-2.5 GHz
• Low Insertion Loss: 1.1 dB at 1 GHz
• High Isolation: > 60dB @ 100MHz
• Single Control Operation
• Power Handling: > 20 dBm P1dB
• Lead-Free 3 mm 12-lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
• Configurable for Non-terminated Operation




Similar Part No. - MASWSS0201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0201 MACOM-MASWSS0201 Datasheet
169Kb / 6P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0201 MA-COM-MASWSS0201 Datasheet
139Kb / 6P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
logo
Tyco Electronics
MASWSS0201SMB MACOM-MASWSS0201SMB Datasheet
169Kb / 6P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0201SMB MA-COM-MASWSS0201SMB Datasheet
674Kb / 7P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
logo
Tyco Electronics
MASWSS0201TR-3000 MACOM-MASWSS0201TR-3000 Datasheet
169Kb / 6P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch DC - 2.5 GHz
More results


Similar Description - MASWSS0201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW-337 ETC-SW-337 Datasheet
100Kb / 2P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Tyco Electronics
MASWSS0180 MACOM-MASWSS0180 Datasheet
177Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
MASWSS0201 MACOM-MASWSS0201 Datasheet
169Kb / 6P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch DC - 2.5 GHz
SW-338 MACOM-SW-338 Datasheet
172Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS434 HW-HWS434 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Terminated Switch
logo
M/A-COM Technology Solu...
MASWSS0180 MA-COM-MASWSS0180 Datasheet
105Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MA-COM-SW-338 Datasheet
108Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
MASWSS0180 MA-COM-MASWSS0180 Datasheet
105Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
MASWSS0201 MA-COM-MASWSS0201 Datasheet
139Kb / 6P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
MASWSS0201 MA-COM-MASWSS0201_15 Datasheet
674Kb / 7P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com