Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A43 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A43
Download  A43 Download
File Size   1342.61 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 100 to 3200 MHz

A43 Datasheet (PDF)

Go To PDF Page Download Datasheet
A43 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A43
Download  A43 Click to download

File Size   1342.61 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 100 to 3200 MHz

A43 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A43 Product details

Description
The A43 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for consistent performance and high reliability.
This 2 stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network insures temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• ULTRAWIDE BANDWIDTH: 10-3200 MHz
• EXCELLENT GAIN BLOCK: 11.5 dB (TYP.)
• MEDIUM OUTPUT POWER: +8.5 dBm (TYP.)




Similar Part No. - A43

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A43 MACOM-A43 Datasheet
104Kb / 1P
100 TO 3200 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
A43 ETC2-A43 Datasheet
103Kb / 1P
100 TO 3200 MHz CASCADABLE AMPLIFIER
logo
Tyco Electronics
A43 MACOM-A43 Datasheet
382Kb / 2P
Cascadable Amplifier 100 to 3200 MHz
logo
Micrel Semiconductor
A43 MICREL-A43 Datasheet
941Kb / 14P
Flexible Ultra-Low Jitter Clock Synthesizer
logo
M/A-COM Technology Solu...
A43 MA-COM-A43 Datasheet
648Kb / 3P
Cascadable Amplifier 100 to 3200 MHz
More results


Similar Description - A43

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A32 MACOM-A32 Datasheet
112Kb / 1P
100 TO 2000 MHz CASCADABLE AMPLIFIER
A43 MACOM-A43 Datasheet
104Kb / 1P
100 TO 3200 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
A43 ETC2-A43 Datasheet
103Kb / 1P
100 TO 3200 MHz CASCADABLE AMPLIFIER
logo
Tyco Electronics
A34 MACOM-A34_1 Datasheet
377Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A36 MACOM-A36 Datasheet
370Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A36-1 MACOM-A36-1_1 Datasheet
384Kb / 2P
Cascadable Amplifier 100 to 2300 MHz
A43 MACOM-A43_1 Datasheet
382Kb / 2P
Cascadable Amplifier 100 to 3200 MHz
A57 MACOM-A57_1 Datasheet
382Kb / 2P
Cascadable Amplifier 100 to 500 MHz
logo
M/A-COM Technology Solu...
A89 MA-COM-A89 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 800 MHz
A43 MA-COM-A43_15 Datasheet
648Kb / 3P
Cascadable Amplifier 100 to 3200 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com