Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43 Datasheet (PDF) - Tyco Electronics

A43 Datasheet PDF - Tyco Electronics
Part # A43
Download  A43 Download
File Size   104.33 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 100 TO 3200 MHz CASCADABLE AMPLIFIER

A43 Datasheet (PDF)

Go To PDF Page Download Datasheet
A43 Datasheet PDF - Tyco Electronics

Part # A43
Download  A43 Click to download

File Size   104.33 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 100 TO 3200 MHz CASCADABLE AMPLIFIER

A43 Datasheet (HTML) - Tyco Electronics


A43 Product details

Description
The A43 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for consistent performance and high reliability.
This 2 stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network insures temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• ULTRAWIDE BANDWIDTH: 10-3200 MHz
• EXCELLENT GAIN BLOCK: 11.5 dB (TYP.)
• MEDIUM OUTPUT POWER: +8.5 dBm (TYP.)




Similar Part No. - A43

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A43 ETC2-A43 Datasheet
103Kb / 1P
100 TO 3200 MHz CASCADABLE AMPLIFIER
logo
Tyco Electronics
A43 MACOM-A43 Datasheet
382Kb / 2P
Cascadable Amplifier 100 to 3200 MHz
logo
M/A-COM Technology Solu...
A43 MA-COM-A43 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 3200 MHz
logo
Micrel Semiconductor
A43 MICREL-A43 Datasheet
941Kb / 14P
Flexible Ultra-Low Jitter Clock Synthesizer
logo
M/A-COM Technology Solu...
A43 MA-COM-A43 Datasheet
648Kb / 3P
Cascadable Amplifier 100 to 3200 MHz
More results


Similar Description - A43

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A32 MACOM-A32 Datasheet
112Kb / 1P
100 TO 2000 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
A43 ETC2-A43 Datasheet
103Kb / 1P
100 TO 3200 MHz CASCADABLE AMPLIFIER
logo
Tyco Electronics
A34 MACOM-A34_1 Datasheet
377Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A36 MACOM-A36 Datasheet
370Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A36-1 MACOM-A36-1_1 Datasheet
384Kb / 2P
Cascadable Amplifier 100 to 2300 MHz
A43 MACOM-A43_1 Datasheet
382Kb / 2P
Cascadable Amplifier 100 to 3200 MHz
A57 MACOM-A57_1 Datasheet
382Kb / 2P
Cascadable Amplifier 100 to 500 MHz
logo
M/A-COM Technology Solu...
A43 MA-COM-A43 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 3200 MHz
A89 MA-COM-A89 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 800 MHz
A43 MA-COM-A43_15 Datasheet
648Kb / 3P
Cascadable Amplifier 100 to 3200 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com