Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A58 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A58 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A58
Download  A58 Download
File Size   1342.57 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 5 to 500 MHz

A58 Datasheet (PDF)

Go To PDF Page Download Datasheet
A58 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A58
Download  A58 Click to download

File Size   1342.57 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 5 to 500 MHz

A58 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A58 Product details

Description

The A58 RF amplifier is a discrete thin film hybrid design, which incorporates the use of thin film manufacturing processes for accurate performance and high reliability. This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency

range. An active DC biasing network is used for temperature-stable performance, in addition to an RF Choke, used for power supply decoupling. Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.



Features

• HIGH DYNAMIC RANGE: +116 dBm (1 MHz Band)

• HIGH OUTPUT POWER: +19 dBm (TYP.)

• HIGH THIRD ORDER I.P. + 34.0 dBm (TYP.)

• LOW NOISE: 4.0 dB (TYP.)

 




Similar Part No. - A58

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A58 MACOM-A58 Datasheet
110Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A58 MACOM-A58 Datasheet
383Kb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
A58 MA-COM-A58 Datasheet
646Kb / 3P
Cascadable Amplifier
A58-SMA58 MA-COM-A58-SMA58 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Allegro MicroSystems
A5800 ALLEGRO-A5800 Datasheet
320Kb / 13P
BiMOS II Latched Drivers
October 28, 2005
More results


Similar Description - A58

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
5 TO 500 MHZ CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA5-5 MA-COM-SMA5-5 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A54 MA-COM-A54 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A73 MA-COM-A73 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A74-2 MA-COM-A74-2 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A74 MA-COM-A74 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
EA54-2 MA-COM-EA54-2 Datasheet
125Kb / 2P
Cascadable Amplifier 5 to 500 MHz
A54 MA-COM-A54_15 Datasheet
643Kb / 3P
Cascadable Amplifier 5 to 500 MHz
A59 MA-COM-A59_15 Datasheet
635Kb / 3P
Cascadable Amplifier 5 to 500 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com