Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A74 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A74 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A74
Download  A74 Download
File Size   1335.98 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 5 to 500 MHz

A74 Datasheet (PDF)

Go To PDF Page Download Datasheet
A74 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A74
Download  A74 Click to download

File Size   1335.98 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 5 to 500 MHz

A74 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A74 Product details

Description
The A74 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for consistent performance and high reliability.
This 2 stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network insures temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available

Features
• HIGH GAIN - TWO STAGES: 30.0 dB (TYP.)
• MEDIUM OUTPUT LEVEL: +8.5 dBm (TYP.)
• WIDE POWER SUPPLY RANGE: +8 TO +15 VOLTS
• LOW VSWR: <1.3:1 (TYP.)




Similar Part No. - A74

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A74 MACOM-A74 Datasheet
102Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A74 MACOM-A74 Datasheet
375Kb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
M-System Co.,Ltd.
A74 MSYSTEM-A74 Datasheet
24Kb / 2P
PANEL MOUNT ADAPTOR
logo
Tyco Electronics
A74-1 MACOM-A74-1 Datasheet
352Kb / 2P
Cascadable Amplifier 5 to 250 MHz
logo
M/A-COM Technology Solu...
A74-1 MA-COM-A74-1 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 250 MHz
More results


Similar Description - A74

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
5 TO 500 MHZ CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA5-5 MA-COM-SMA5-5 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A54 MA-COM-A54 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A58 MA-COM-A58 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A73 MA-COM-A73 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A74-2 MA-COM-A74-2 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
EA54-2 MA-COM-EA54-2 Datasheet
125Kb / 2P
Cascadable Amplifier 5 to 500 MHz
A54 MA-COM-A54_15 Datasheet
643Kb / 3P
Cascadable Amplifier 5 to 500 MHz
A59 MA-COM-A59_15 Datasheet
635Kb / 3P
Cascadable Amplifier 5 to 500 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com