Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A61 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A61 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A61
Download  A61 Download
File Size   1331.28 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 2 to 6 GHz

A61 Datasheet (PDF)

Go To PDF Page Download Datasheet
A61 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A61
Download  A61 Click to download

File Size   1331.28 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 2 to 6 GHz

A61 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A61 Product details

Description
The A61 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This single stage GaAs FET feedback amplifier design displays impressive performance characteristics over a broadband frequency range. An RF choke is used for DC power supply decoupling.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• WIDE BANDWIDTH: 2-6 GHz
• MEDIUM OUTPUT LEVEL: +12.5 dBm (TYP.)
• LOW NOISE: 3.2 dB (TYP.)




Similar Part No. - A61

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A61 MACOM-A61 Datasheet
111Kb / 1P
2 TO 6 GHz CASCADABLE AMPLIFIER
A61 MACOM-A61 Datasheet
373Kb / 2P
Cascadable Amplifier 2 to 6 GHz
logo
Connor-Winfield Corpora...
A61 CONNOR-WINFIELD-A61 Datasheet
53Kb / 1P
8 PIN DIP ACMOS
logo
M/A-COM Technology Solu...
A61 MA-COM-A61 Datasheet
634Kb / 3P
Cascadable Amplifier 2 to 6 GHz
logo
EPCOS
A61-A230XF EPCOS-A61-A230XF Datasheet
18Kb / 2P
2-Electrode-Arrester
More results


Similar Description - A61

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA-64135 HP-MGA-64135 Datasheet
49Kb / 4P
2 - 6 GHz Cascadable GaAs MMIC Amplifier
logo
Tyco Electronics
A61 MACOM-A61 Datasheet
111Kb / 1P
2 TO 6 GHz CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
CMA-6-2002 TELEDYNE-CMA-6-2002 Datasheet
892Kb / 2P
Amplifier 2 GHz - 6 GHz
CMA-6-2003 TELEDYNE-CMA-6-2003 Datasheet
892Kb / 2P
Amplifier 2 GHz - 6 GHz
CMA-6-2004 TELEDYNE-CMA-6-2004 Datasheet
891Kb / 2P
Amplifier 2 GHz - 6 GHz
CPA-6-2002 TELEDYNE-CPA-6-2002 Datasheet
894Kb / 2P
Amplifier 2 GHz - 6 GHz
logo
Tyco Electronics
A61 MACOM-A61_1 Datasheet
373Kb / 2P
Cascadable Amplifier 2 to 6 GHz
logo
Skyworks Solutions Inc.
SKY65015-70LF SKYWORKS-SKY65015-70LF Datasheet
294Kb / 5P
InGaP Cascadable Amplifier LF-6 GHz
SKY65017-70LF SKYWORKS-SKY65017-70LF Datasheet
271Kb / 5P
InGaP Cascadable Amplifier LF-6 GHz
logo
M/A-COM Technology Solu...
A61 MA-COM-A61_15 Datasheet
634Kb / 3P
Cascadable Amplifier 2 to 6 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com