Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A61 Datasheet (PDF) - Tyco Electronics

A61 Datasheet PDF - Tyco Electronics
Part # A61
Download  A61 Download
File Size   111.57 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 2 TO 6 GHz CASCADABLE AMPLIFIER

A61 Datasheet (PDF)

Go To PDF Page Download Datasheet
A61 Datasheet PDF - Tyco Electronics

Part # A61
Download  A61 Click to download

File Size   111.57 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 2 TO 6 GHz CASCADABLE AMPLIFIER

A61 Datasheet (HTML) - Tyco Electronics


A61 Product details

Description
The A61 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This single stage GaAs FET feedback amplifier design displays impressive performance characteristics over a broadband frequency range. An RF choke is used for DC power supply decoupling.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• WIDE BANDWIDTH: 2-6 GHz
• MEDIUM OUTPUT LEVEL: +12.5 dBm (TYP.)
• LOW NOISE: 3.2 dB (TYP.)




Similar Part No. - A61

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A61 MACOM-A61 Datasheet
373Kb / 2P
Cascadable Amplifier 2 to 6 GHz
logo
Connor-Winfield Corpora...
A61 CONNOR-WINFIELD-A61 Datasheet
53Kb / 1P
8 PIN DIP ACMOS
logo
M/A-COM Technology Solu...
A61 MA-COM-A61 Datasheet
1Mb / 2P
Cascadable Amplifier 2 to 6 GHz
A61 MA-COM-A61 Datasheet
634Kb / 3P
Cascadable Amplifier 2 to 6 GHz
logo
EPCOS
A61-A230XF EPCOS-A61-A230XF Datasheet
18Kb / 2P
2-Electrode-Arrester
More results


Similar Description - A61

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA-64135 HP-MGA-64135 Datasheet
49Kb / 4P
2 - 6 GHz Cascadable GaAs MMIC Amplifier
logo
Teledyne Technologies I...
CMA-6-2002 TELEDYNE-CMA-6-2002 Datasheet
892Kb / 2P
Amplifier 2 GHz - 6 GHz
CMA-6-2003 TELEDYNE-CMA-6-2003 Datasheet
892Kb / 2P
Amplifier 2 GHz - 6 GHz
CMA-6-2004 TELEDYNE-CMA-6-2004 Datasheet
891Kb / 2P
Amplifier 2 GHz - 6 GHz
CPA-6-2002 TELEDYNE-CPA-6-2002 Datasheet
894Kb / 2P
Amplifier 2 GHz - 6 GHz
logo
Tyco Electronics
A61 MACOM-A61_1 Datasheet
373Kb / 2P
Cascadable Amplifier 2 to 6 GHz
logo
Skyworks Solutions Inc.
SKY65015-70LF SKYWORKS-SKY65015-70LF Datasheet
294Kb / 5P
InGaP Cascadable Amplifier LF-6 GHz
SKY65017-70LF SKYWORKS-SKY65017-70LF Datasheet
271Kb / 5P
InGaP Cascadable Amplifier LF-6 GHz
logo
M/A-COM Technology Solu...
A61 MA-COM-A61 Datasheet
1Mb / 2P
Cascadable Amplifier 2 to 6 GHz
A61 MA-COM-A61_15 Datasheet
634Kb / 3P
Cascadable Amplifier 2 to 6 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com