Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A63 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A63 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A63
Download  A63 Download
File Size   1345.21 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 5 to 1000 MHz

A63 Datasheet (PDF)

Go To PDF Page Download Datasheet
A63 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A63
Download  A63 Click to download

File Size   1345.21 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 5 to 1000 MHz

A63 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A63 Product details

Description
The A63 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Both TO-8 and Surface Mount packages are Hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• LOW NOISE: 3.0 dB (TYP.)
• MEDIUM THIRD ORDER I.P.: +15 dBm (TYP.)
• HIGH GAIN: 16 dB (TYP.)




Similar Part No. - A63

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A63 MACOM-A63 Datasheet
112Kb / 1P
5 TO 1000 MHz CASCADABLE AMPLIFIER
A63 MACOM-A63 Datasheet
383Kb / 2P
Cascadable Amplifier 5 to 2000 MHz
logo
Connor-Winfield Corpora...
A63 CONNOR-WINFIELD-A63 Datasheet
53Kb / 1P
8 PIN DIP ACMOS
logo
ABB
A63-30-00 ABB-A63-30-00 Datasheet
3Mb / 25P
3--polle Conttacttorrss
9/11
A63-30-11-110V-50HZ ABB-A63-30-11-110V-50HZ Datasheet
3Mb / 25P
3--polle Conttacttorrss
9/11
More results


Similar Description - A63

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A63 MACOM-A63 Datasheet
112Kb / 1P
5 TO 1000 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC1008 ETC1-AC1008 Datasheet
111Kb / 2P
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A11-2 MACOM-A11-2 Datasheet
354Kb / 2P
Cascadable Amplifier 5 to 1000 MHz
A11 MACOM-A11 Datasheet
368Kb / 2P
Cascadable Amplifier 5 to 1000 MHz
logo
M/A-COM Technology Solu...
SMA11-2 MA-COM-SMA11-2 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1000 MHz
SMA11 MA-COM-SMA11 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1000 MHz
logo
Teledyne Technologies I...
AC1008 TELEDYNE-AC1008 Datasheet
188Kb / 2P
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
AC1038 TELEDYNE-AC1038 Datasheet
171Kb / 2P
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
AC1054 TELEDYNE-AC1054 Datasheet
178Kb / 2P
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
UTOUTC1007 TELEDYNE-UTOUTC1007 Datasheet
173Kb / 5P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com