Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A63 Datasheet (PDF) - Tyco Electronics

A63 Datasheet PDF - Tyco Electronics
Part # A63
Download  A63 Download
File Size   112.61 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 5 TO 1000 MHz CASCADABLE AMPLIFIER

A63 Datasheet (PDF)

Go To PDF Page Download Datasheet
A63 Datasheet PDF - Tyco Electronics

Part # A63
Download  A63 Click to download

File Size   112.61 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 5 TO 1000 MHz CASCADABLE AMPLIFIER

A63 Datasheet (HTML) - Tyco Electronics


A63 Product details

Description
The A63 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Both TO-8 and Surface Mount packages are Hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• LOW NOISE: 3.0 dB (TYP.)
• MEDIUM THIRD ORDER I.P.: +15 dBm (TYP.)
• HIGH GAIN: 16 dB (TYP.)




Similar Part No. - A63

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A63 MACOM-A63 Datasheet
383Kb / 2P
Cascadable Amplifier 5 to 2000 MHz
logo
Connor-Winfield Corpora...
A63 CONNOR-WINFIELD-A63 Datasheet
53Kb / 1P
8 PIN DIP ACMOS
logo
M/A-COM Technology Solu...
A63 MA-COM-A63 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1000 MHz
logo
ABB
A63-30-00 ABB-A63-30-00 Datasheet
3Mb / 25P
3--polle Conttacttorrss
9/11
A63-30-11-110V-50HZ ABB-A63-30-11-110V-50HZ Datasheet
3Mb / 25P
3--polle Conttacttorrss
9/11
More results


Similar Description - A63

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC1008 ETC1-AC1008 Datasheet
111Kb / 2P
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A11-2 MACOM-A11-2 Datasheet
354Kb / 2P
Cascadable Amplifier 5 to 1000 MHz
A11 MACOM-A11 Datasheet
368Kb / 2P
Cascadable Amplifier 5 to 1000 MHz
logo
M/A-COM Technology Solu...
SMA11-2 MA-COM-SMA11-2 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1000 MHz
SMA11 MA-COM-SMA11 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1000 MHz
A63 MA-COM-A63 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1000 MHz
logo
Teledyne Technologies I...
AC1008 TELEDYNE-AC1008 Datasheet
188Kb / 2P
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
AC1038 TELEDYNE-AC1038 Datasheet
171Kb / 2P
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
AC1054 TELEDYNE-AC1054 Datasheet
178Kb / 2P
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
UTOUTC1007 TELEDYNE-UTOUTC1007 Datasheet
173Kb / 5P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com