Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3J55M Datasheet (PDF) - Isahaya Electronics Corporation

RT3J55M Datasheet PDF - Isahaya Electronics Corporation
Part # RT3J55M
Download  RT3J55M Download
File Size   149.77 Kbytes
Page   4 Pages
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation
Description Composite Transistor For high speed switching Silicon P-channel MOSFET

RT3J55M Datasheet (PDF)

Go To PDF Page Download Datasheet
RT3J55M Datasheet PDF - Isahaya Electronics Corporation

Part # RT3J55M
Download  RT3J55M Click to download

File Size   149.77 Kbytes
Page   4 Pages
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation
Description Composite Transistor For high speed switching Silicon P-channel MOSFET

RT3J55M Datasheet (HTML) - Isahaya Electronics Corporation


RT3J55M Product details

DESCRIPTION
RT3J55M is a composite transistor built with two INJ0011AX chips in SC-88 package.

FEATURE
◾ Input impedance is high, and not necessary to consider a drive
   electric current.
◾ Vth is low, and drive by low voltage is possible.
   Vth=-1.0~-2.0V
◾ Low on Resistance.
   RDS(on)=7.0Ω(TYP)@ID=-100mA, VGS=-4.0V
   RDS(on)=4.8Ω(TYP)@ID=-100mA, VGS=-10V
◾ High speed switching.
◾ Small package for easy mounting.

APPLICATION
   High speed switching , Analog switching




Similar Part No. - RT3J55M

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3J11M ISAHAYA-RT3J11M Datasheet
146Kb / 4P
Composite Transistor
RT3J22M ISAHAYA-RT3J22M Datasheet
147Kb / 4P
Composite Transistor
RT3J33M ISAHAYA-RT3J33M Datasheet
147Kb / 4P
Composite Transistor
RT3JGGM ISAHAYA-RT3JGGM Datasheet
146Kb / 6P
Composite Transistor For high speed switching Silicon P-channel MOSFET
More results


Similar Description - RT3J55M

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INJ0001AX ISAHAYA-INJ0001AX_08 Datasheet
137Kb / 4P
High speed switching Silicon P-channel MOSFET
INJ0002AX ISAHAYA-INJ0002AX_08 Datasheet
138Kb / 4P
High speed switching Silicon P-channel MOSFET
INJ0003AX ISAHAYA-INJ0003AX_08 Datasheet
139Kb / 4P
High speed switching Silicon P-channel MOSFET
INJ0011AX ISAHAYA-INJ0011AX Datasheet
140Kb / 4P
High speed switching Silicon P-channel MOSFET
RT3K44M ISAHAYA-RT3K44M Datasheet
149Kb / 4P
Composite Transistor For high speed switching Silicon N-channel MOSFET
RT3K66M ISAHAYA-RT3K66M Datasheet
148Kb / 4P
Composite Transistor For high speed switching Silicon N-channel MOSFET
INJ0203AC1 ISAHAYA-INJ0203AC1 Datasheet
159Kb / 4P
High Speed Switching Silicon P-channel MOSFET
INJ0212AP1 ISAHAYA-INJ0212AP1 Datasheet
221Kb / 4P
High Speed Switching Silicon P-channel MOSFET
RTE13J1M ISAHAYA-RTE13J1M Datasheet
287Kb / 6P
Composite Transistor Zener Diode Silicon P-channel MOSFET
RT3JGGM ISAHAYA-RT3JGGM Datasheet
146Kb / 6P
Composite Transistor For high speed switching Silicon P-channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com