Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3K66M Datasheet (PDF) - Isahaya Electronics Corporation

RT3K66M Datasheet PDF - Isahaya Electronics Corporation
Part # RT3K66M
Download  RT3K66M Download
File Size   148.7 Kbytes
Page   4 Pages
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation
Description Composite Transistor For high speed switching Silicon N-channel MOSFET

RT3K66M Datasheet (PDF)

Go To PDF Page Download Datasheet
RT3K66M Datasheet PDF - Isahaya Electronics Corporation

Part # RT3K66M
Download  RT3K66M Click to download

File Size   148.7 Kbytes
Page   4 Pages
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation
Description Composite Transistor For high speed switching Silicon N-channel MOSFET

RT3K66M Datasheet (HTML) - Isahaya Electronics Corporation


RT3K66M Product details

DESCRIPTION
RT3K66M is a composite transistor built with two INK0012AX chips in SC-88 package.

FEATURE
• Input impedance is high, and not necessary to consider a drive electric current.
• Vth is low, and drive by low voltage is possible. Vth=1.0~2.0V
• Low on Resistance.
    RDS(on)=1.7Ω(TYP)@ID=100mA, VGS=4.0V
    RDS(on)=1.0Ω(TYP)@ID=100mA, VGS=10V
• High speed switching.
• Small package for easy mounting.

APPLICATION
    High speed switching , Analog switching




Similar Part No. - RT3K66M

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3K11M ISAHAYA-RT3K11M Datasheet
147Kb / 4P
Composite Transistor
RT3K22M ISAHAYA-RT3K22M Datasheet
146Kb / 4P
Composite Transistor
RT3K33M ISAHAYA-RT3K33M Datasheet
147Kb / 4P
Composite Transistor
RT3K44M ISAHAYA-RT3K44M Datasheet
149Kb / 4P
Composite Transistor For high speed switching Silicon N-channel MOSFET
More results


Similar Description - RT3K66M

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KW306 KEXIN-KW306 Datasheet
52Kb / 2P
N-Channel Silicon MOSFET High Speed Switching
logo
Isahaya Electronics Cor...
INK0001AX ISAHAYA-INK0001AX_08 Datasheet
138Kb / 4P
High speed switching Silicon N-channel MOSFET
INK0002AX ISAHAYA-INK0002AX_08 Datasheet
138Kb / 4P
High speed switching Silicon N-channel MOSFET
INK0003AX ISAHAYA-INK0003AX_08 Datasheet
138Kb / 4P
High speed switching Silicon N-channel MOSFET
INK0010AX ISAHAYA-INK0010AX Datasheet
138Kb / 4P
High speed switching Silicon N-channel MOSFET
INK0012AX ISAHAYA-INK0012AX Datasheet
139Kb / 4P
High speed switching Silicon N-channel MOSFET
RT3J55M ISAHAYA-RT3J55M Datasheet
149Kb / 4P
Composite Transistor For high speed switching Silicon P-channel MOSFET
RT3K44M ISAHAYA-RT3K44M Datasheet
149Kb / 4P
Composite Transistor For high speed switching Silicon N-channel MOSFET
INK021ABS1 ISAHAYA-INK021ABS1 Datasheet
146Kb / 5P
High Speed Switching Silicon N-channel MOSFET
RT3JGGM ISAHAYA-RT3JGGM Datasheet
146Kb / 6P
Composite Transistor For high speed switching Silicon P-channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com