Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP232ACN Datasheet (PDF) - Exar Corporation

SP232ACN Datasheet PDF - Exar Corporation
Part # SP232ACN
Download  SP232ACN Download
File Size   857.7 Kbytes
Page   10 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Enhanced RS-232 Line Drivers/Receivers

SP232ACN Datasheet (PDF)

Go To PDF Page Download Datasheet
SP232ACN Datasheet PDF - Exar Corporation

Part # SP232ACN
Download  SP232ACN Click to download

File Size   857.7 Kbytes
Page   10 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Enhanced RS-232 Line Drivers/Receivers

SP232ACN Datasheet (HTML) - Exar Corporation


SP232ACN Product details

The SP232A transceiver is a two driver and two receiver device that meets the EIA/TIA- 232 and V.28 serial communication protocol. The device is pin-to-pin compatible with popular industry

standard pinouts. The SP232A offers 20kbps data rate, 0V/μs slew rate and a regulated charge pump that operates from a single 5V supply. The proprietary on-board charge pump generates a regulated output of +/-6.5V for RS-232 compliant voltage levels.



FEATURES

• Operates from a Single +5V Power Supply

• Meets all RS-232F and ITU V.28 Specifications

• Operates with 0.μF Ceramic Capacitors

• High Data rate - 20kbps under load

• Low power CMOS Operation

• +/-2kV Human Body Model ESD Protection

• Lead Free packaging available




Similar Part No. - SP232ACN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP232ACN SIPEX-SP232ACN Datasheet
126Kb / 8P
Enhanced RS-232 Line Drivers/Receivers
SP232ACN SIPEX-SP232ACN Datasheet
913Kb / 16P
Enhanced RS-232 Line Drivers/Receivers
SP232ACN SIPEX-SP232ACN Datasheet
206Kb / 12P
Enhanced RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP232ACN-L EXAR-SP232ACN-L Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
SP232ACN-L EXAR-SP232ACN-L Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
More results


Similar Description - SP232ACN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP231A SIPEX-SP231A Datasheet
126Kb / 8P
Enhanced RS-232 Line Drivers/Receivers
SP231A SIPEX-SP231A Datasheet
126Kb / 8P
Enhanced RS-232 Line Drivers/Receivers
SP232A SIPEX-SP232A Datasheet
913Kb / 16P
Enhanced RS-232 Line Drivers/Receivers
SP232A SIPEX-SP232A_05 Datasheet
206Kb / 12P
Enhanced RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP233A EXAR-SP233A Datasheet
677Kb / 13P
Enhanced RS-232 Line Drivers/Receivers
logo
Unisonic Technologies
UT232A UTC-UT232A Datasheet
177Kb / 5P
ENHANCED RS-232 LINE DRIVERS/RECEIVERS
logo
Analog Devices
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
logo
Exar Corporation
SP232ACN-L-TR EXAR-SP232ACN-L-TR Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
SP232ACT-L-TR EXAR-SP232ACT-L-TR Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
SP232AEN-L-TR EXAR-SP232AEN-L-TR Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com