Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP705CU Datasheet (PDF) - Exar Corporation

SP705CU Datasheet PDF - Exar Corporation
Part # SP705CU
Download  SP705CU Download
File Size   1045.83 Kbytes
Page   18 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Low Power Microprocessor Supervisory Circuits

SP705CU Datasheet (PDF)

Go To PDF Page Download Datasheet
SP705CU Datasheet PDF - Exar Corporation

Part # SP705CU
Download  SP705CU Click to download

File Size   1045.83 Kbytes
Page   18 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Low Power Microprocessor Supervisory Circuits

SP705CU Datasheet (HTML) - Exar Corporation


SP705CU Product details

DESCRIPTION…
The SP705-708/813L series is a family of microprocessor (µP) supervisory circuits that integrate myriad components involved in discrete solutions which monitor power-supply and battery in µP and digital systems. The SP705-708/813L series will significantly improve system reliability and operational efficiency when compared to solutions obtained with discrete components. The features of the SP705-708/813L series include a watchdog timer, a µP reset, a Power Fail Comparator, and a manual-reset input. The SP705-708/813L series is ideal for applications in automotive systems, computers, controllers, and intelligent instruments. The SP705-708/813L series is an ideal solution for systems in which critical monitoring of the power supply to the µP and related digital components is demanded.

■ Precision Voltage Monitor: SP705/707/813L at 4.65V SP706/708 at 4.40V
■ RESET Pulse Width - 200ms
■ Independent Watchdog Timer - 1.6s Timeout (SP705/706/813L)
■ 60µA Maximum Supply Current
■ Debounced TTL/CMOS Manual Reset Input
■ RESET Asserted Down to V CC = 1.1V
■ Voltage Monitor for Power Failure or Low Battery Warning
■ Available in 8-pin PDIP, NSOIC, and µSOIC packages
■ Pin Compatible Enhancement to Industry Standard 705-708/813L Series
■ Functionally Compatible to Industry Standard 1232 Series




Similar Part No. - SP705CU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP705CU SIPEX-SP705CU Datasheet
197Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP705CU SIPEX-SP705CU Datasheet
197Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP705CU SIPEX-SP705CU Datasheet
429Kb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP705CU-L EXAR-SP705CU-L Datasheet
1Mb / 17P
Low Power Microprocessor Supervisory Circuits
SP705CU-LTR EXAR-SP705CU-LTR Datasheet
1Mb / 17P
Low Power Microprocessor Supervisory Circuits
More results


Similar Description - SP705CU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705_06 Datasheet
429Kb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Analog Devices
ADM707ARZ AD-ADM707ARZ Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708ARZ AD-ADM708ARZ Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
logo
Sipex Corporation
SP706REN-L SIPEX-SP706REN-L Datasheet
201Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP707EN-L SIPEX-SP707EN-L Datasheet
201Kb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP813LCN-L EXAR-SP813LCN-L Datasheet
1Mb / 17P
Low Power Microprocessor Supervisory Circuits
SP690A EXAR-SP690A Datasheet
406Kb / 16P
Low Power Microprocessor Supervisory
logo
Shanghai Consonance Ele...
CN705 CONSONANCE-CN705 Datasheet
390Kb / 14P
Low Power Microprocessor Supervisory Circuits
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com