Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M4G Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

M4G Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # M4G
Download  M4G Download
File Size   921.68 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Double-Balanced Mixer

M4G Datasheet (PDF)

Go To PDF Page Download Datasheet
M4G Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # M4G
Download  M4G Click to download

File Size   921.68 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Double-Balanced Mixer

M4G Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


M4G Product details

Description
The M4G is a double balanced mixer, designed for use in military, commercial, and test equipment applications. The design utilizes Schottky ring quad diodes and broadband ferrite baluns to attain excellent performance. This mixer can also be used as a phase detector and/or bi-phase modulator since the IF port is DC coupled to the diodes. Environmental screening is available to MILSTD-883, MIL-STD-202, or MIL-DTL-28837, consult factory.

Features
• LO 800 TO 3500 MHz
• RF 800 TO 2400 MHz
• IF DC TO 1500 MHz
• LO DRIVE: +7 dBm (NOMINAL)
• HIGH ISOLATION: 30 dB (TYP.)




Similar Part No. - M4G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M4G MACOM-M4G Datasheet
294Kb / 3P
Double-Balanced Mixer
logo
SEMTECH ELECTRONICS LTD...
M4G SEMTECH_ELEC-M4G Datasheet
157Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
M/A-COM Technology Solu...
M4G MA-COM-M4G Datasheet
95Kb / 3P
Double-Balanced Mixer
logo
Shanghai Shunye Electro...
M4G SHUNYE-M4G Datasheet
16Mb / 2P
SURFACE MOUNT GLASS GENERAL RECTIFIER
logo
Yangzhou yangjie electr...
M4G YANGJIE-M4G Datasheet
200Kb / 2P
General Purpose Rectifier
More results


Similar Description - M4G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com