Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M4G Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M4G
Description  Double-Balanced Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M4G Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M4G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M4G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M4G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Performance Curves
Conversion Loss vs. Drive Level: The minimum
recommended drive level is +5 dBm. The maxi-
mum recommended drive level is +13 dBm.
Conversion Loss vs. Input Frequency: Conver-
sion loss of the mixer when used in an SSB sys-
tem. The frequency ordinate refers to the R-port
(fR) with fI at 120 MHz and fL less than fR. Data
plotted with an fL level of +7 dBm.
Isolation vs. Frequency: Level of the fL signal fed
through to the R and I-ports with respect to the
level of the fL signal at the L-port.
Conversion Loss vs. fI Frequency: Conversion
loss of the mixer when used in an SSB system.
The frequency ordinate refers to the I-port (fI)
with fR at 1.2 GHz and fL swept from 1.2 to 3.7
GHz.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Double-Balanced Mixer
Rev. V3
M4G / SM4G
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com