Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-110-PIN Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW-110-PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW-110-PIN
Download  SW-110-PIN Download
File Size   117.15 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC-3.0 GHz

SW-110-PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-110-PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW-110-PIN
Download  SW-110-PIN Click to download

File Size   117.15 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC-3.0 GHz

SW-110-PIN Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW-110-PIN Product details

Description
M/A-COM’s SW-110-PIN is a GaAs MMIC SPDT reflective switch with an integral silicon ASIC driver. This device is in a 16 lead ceramic surface mount package. These switches exhibit excellent performance and repeatability from DC to 3.0 GHz, with very low DC power dissipation. The SW-110-PIN is ideally suited for RF/IF communications applications. Environmental screening is available. Contract the factory for information.

Features
• 1 dB Compression Point: +39 dBm Typical, -8V Control
• IP3: +65 dBm Typical, -8V Control
• Insertion Loss: 0.45 dB Typical
• Low Power Consumption
• Fast Switching Speed
• Hermetic Surface Mount Package
• 50 Ohm Nominal Impedance
• Lead-Free CR-9 Package
• 260°C Reflow Compatible
• RoHS* Compliant




Similar Part No. - SW-110-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-110-PIN MACOM-SW-110-PIN Datasheet
192Kb / 5P
GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC - 3.0 GHz
More results


Similar Description - SW-110-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-110 MACOM-SW-110 Datasheet
211Kb / 2P
GaAs SPDT Reflective Switch DC-3 GHz with TTL/CMOS Control Input
SW-312 MACOM-SW-312 Datasheet
220Kb / 3P
GaAs SPDT Reflective Switch, DC - 3 GHz with TTL/CMOS Control Input
SW10-0312 MACOM-SW10-0312 Datasheet
221Kb / 3P
GaAs SPDT Reflective Switch, DC - 3 GHz with TTL/CMOS Control Input
SW-110-PIN MACOM-SW-110-PIN Datasheet
192Kb / 5P
GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC - 3.0 GHz
SW-311-PIN MACOM-SW-311-PIN Datasheet
173Kb / 4P
Matched GaAs SPDT Switch, DC - 3.0 GHz with TTL/CMOS Control Input
SW-312-PIN MACOM-SW-312-PIN Datasheet
176Kb / 4P
GaAs SPDT Reflective Switch, DC - 3.0 GHz with TTL/CMOS Control Input
SW-313-PIN MACOM-SW-313-PIN Datasheet
140Kb / 4P
Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
logo
M/A-COM Technology Solu...
SW10-0312 MA-COM-SW10-0312 Datasheet
107Kb / 4P
GaAs SPDT Reflective Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW-312-PIN MA-COM-SW-312-PIN Datasheet
105Kb / 4P
GaAs SPDT Reflective Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW-313-PIN MA-COM-SW-313-PIN Datasheet
110Kb / 4P
Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com