Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-110-PIN Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SW-110-PIN
Description  GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC-3.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-110-PIN Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SW-110-PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-110-PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-110-PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW-110-PIN Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SW-110-PIN Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SPDT Reflective Switch with TTL/CMOS Control Input,
DC-3.0 GHz
Rev. V6
SW-110-PIN
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C
1,2,3
Parameter
Frequency
Units
Min
Typ
Max
Reference
Insertion Loss
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
dB
dB
dB
dB
—
—
—
—
—
—
—
—
0.6
0.7
0.9
1.1
Isolation
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
dB
dB
dB
dB
40
35
24
18
—
—
—
—
—
—
—
—
VSWR
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
Ratio
Ratio
Ratio
Ratio
—
—
—
—
—
—
—
—
1.2:1
1.4:1
1.4:1
1.5:1
Trise, Tfall
Ton, Toff
Transients
—
—
—
nS
nS
mV
—
—
—
12
35
30
—
—
—
1 dB Compression
0.9 GHz
0.9 GHz
0.9 GHz
0.9 GHz
dBm
dBm
dBm
dBm
—
—
—
—
+32.5
+32.5
+32.5
+39.5
—
—
—
—
Input IP3
0.9 GHz
0.9 GHz
dBm
dBm
—
—
+61
+65
—
—
Vcc
Vee
—
—
V
V
4.5
-8.0
5.0
—
5.5
-5.0
Icc
—
mA
—
—
1.0
Iee
—
mA
—
—
1.0
Test Conditions
—
—
—
10% to 90%
1.3V Control to 90/10% RF
In-band (peak-peak)
Input Power, 0.1 dB, -5V Control
Input Power, 1.0 dB, -5V Control
Input Power, 0.1 dB, -8V Control
Input Power, 1.0 dB, -8V Control
For two-tone Input power up to +10
dBm
-5V Control
-8V Control
Vcc = 4.5 to 5.5V
Vctl = 0 to 0.8V, or VCC - 2.1V to
VCC
Vee = -5.0 to –8.0V
Vctl
Vctl
Logic 0 (TTL)
Logic 1 (TTL)
—
—
V
V
0.0
2.0
—
—
0.8
5.0
Input Leakage
Current (Low)
0 to 0.8V
—
µA
—
—
1.0
Input Leakage
Current (High)
2.0 to 5.0V
—
µA
—
—
1.0
1. All specifications apply when operated with bias voltages of +5V for Vcc and –5.0V to –8.0V for Vee, and 50 Ohm impedance at all RF
ports unless otherwise specified.
2. For this switch to meet the guaranteed specifications, it is necessary to have a DC return on either RF1 or RF2. The DC return can be
either a 10k Ohm resistor, or an RF choke.
3. High Power (greater than 1W) handling specifications apply to cold switching only. For input powers under 1W, hot switching can be
used.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com