Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC73C1602 Datasheet (PDF) - Silan Microelectronics Joint-stock

SC73C1602 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC73C1602
Download  SC73C1602 Download
File Size   487.16 Kbytes
Page   23 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)

SC73C1602 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC73C1602 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC73C1602
Download  SC73C1602 Click to download

File Size   487.16 Kbytes
Page   23 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)

SC73C1602 Datasheet (HTML) - Silan Microelectronics Joint-stock


SC73C1602 Product details

DESCRIPTION
SC73C1602 is one of Silan’s 4-bit CMOS single-chip micro-controllers for infrared remote control transmitters (IRCTs). It can be implemented in various IRCTs circuits by mask option.

FEATURES
*   Wide operating voltage (1.8~4.0V)
*  Low static power consumption (<1mA)
*  ROM: 2K x 9 bits
*  Data memory: 32 x 4bits
*  Timer/counter: (10~15 bits)
*  8-bit timer, generates various frequencies and duty carrier
*  16 I/O pins, four 4-bit I/O ports (export P53)
*  Oscillator frequency (fosc):  fosc=4MHz (TYP.) or fosc=455KHz(TYP.)
*  Operating frequency (fmain): fosc/8  (fosc=4MHz)
                                                  fosc (fosc=455KHz)
*  Instruction cycle: 5/fmain
*  Support low voltage detection

APPLICATIONS
*  Infrared  remote  control  devices, such  as  TV,  Video  Cassette Recorder, VTR, laser phonograph and acoustics remote controllers.




Similar Part No. - SC73C1602

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC73C1402 SILAN-SC73C1402 Datasheet
386Kb / 19P
4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
SC73C1402A SILAN-SC73C1402A Datasheet
386Kb / 19P
4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
SC73C1402B SILAN-SC73C1402B Datasheet
386Kb / 19P
4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
SC73C1402C SILAN-SC73C1402C Datasheet
386Kb / 19P
4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
SC73C1402D SILAN-SC73C1402D Datasheet
386Kb / 19P
4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
More results


Similar Description - SC73C1602

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R Datasheet
538Kb / 40P
Remote Controller MCU
logo
AUK corp
SD4001 AUK-SD4001 Datasheet
2Mb / 74P
4BIT MICRO CONTROLLER
SD4002 AUK-SD4002 Datasheet
2Mb / 74P
4BIT MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT48CA6 HOLTEK-HT48CA6 Datasheet
279Kb / 31P
8-Bit Remote Type Low Voltage Mask MCU
July 26, 2002
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R_05 Datasheet
475Kb / 41P
Remote Controller MCU
logo
Holtek Semiconductor In...
HT47C20 HOLTEK-HT47C20_02 Datasheet
348Kb / 46P
8-Bit R-F Type Mask MCU
July 26, 2002
logo
Silan Microelectronics ...
SC65D02C40 SILAN-SC65D02C40 Datasheet
1Mb / 16P
8-BIT MCU FOR PRESET REMOTE CONTROL (MASK TYPE)
SC73C1402 SILAN-SC73C1402 Datasheet
386Kb / 19P
4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
SC73P1601 SILAN-SC73P1601 Datasheet
381Kb / 22P
4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
logo
Holtek Semiconductor In...
HT83B60 HOLTEK-HT83B60 Datasheet
3Mb / 84P
Voice Mask MCU
December 19, 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com