Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST65P542R Datasheet (PDF) - Silicon Storage Technology, Inc

SST65P542R Datasheet PDF - Silicon Storage Technology, Inc
Part # SST65P542R
Download  SST65P542R Download
File Size   538.06 Kbytes
Page   40 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description Remote Controller MCU

SST65P542R Datasheet (PDF)

Go To PDF Page Download Datasheet
SST65P542R Datasheet PDF - Silicon Storage Technology, Inc

Part # SST65P542R
Download  SST65P542R Click to download

File Size   538.06 Kbytes
Page   40 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description Remote Controller MCU

SST65P542R Datasheet (HTML) - Silicon Storage Technology, Inc


SST65P542R Product details

PRODUCT DESCRIPTION
The SST65P542R is a member of SST’s 8-bit application-specific microcontroller family targeted for infrared remote controller applications.
The SST65P542R microcontroller provides high functionality to infrared remote controller products. The device offers flexibility to store different remote control configurations for controlling multiple appliances. The configurations are either programmed at the factory during the manufacturing process or downloaded through firmware.

FEATURES:
• 8-bit MCU Core
   – Enhanced 6502 Microprocessor Megacell emulating the reduced 6805 instruction set
• 4 MHz Typical Oscillator Clock Frequency
• 8 MHz Maximum Oscillator Clock Frequency
• Low Voltage Operation: 2.2-3.2V
• 20 Re-configurable General Purpose I/O pins
• SuperFlash Memory
   – 16 KByte of Flash Memory
   – 128 Byte sectors for SoftPartition
   – 100,000 endurance cycles (typical)
   – 100 years data retention
   – Fast Write:
   - Chip-Erase: 70 ms (typical)
   - Sector-Erase: 18 ms (typical)
   - Byte-Program: 60 µs (typical)
   – In-Application Programming (IAP)
• External Host Programming Mode for Programmer Support
   – JEDEC Standard Command Sets
• 352 Byte On-Chip SRAM
• In-System Programming (ISP) Support through Firmware
• IR Input Pin for Learning Mode
• Carrier Modulator Transmitter
   – Supports Baseband, Pulse Length Modulator (PLM), and Frequency Shift Keying (FSK)
• Core Timer / Counter
   – 14-stage multifunctional ripple counter
   – Includes timer overflow, POR, RTI, and CWT
• External Reset and Low Power Reset Pins
   – One of these pins should be used to connect the external Power-on/Brown-out reset circuitry
• Power Management
   – Hardware enable bits programmable by software for entering STOP and IDLE modes
• Package Available
   – 28-lead SOIC
• All non-Pb (lead-free) devices are RoHS compliant




Similar Part No. - SST65P542R

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST65P542R-8-C-SG SST-SST65P542R-8-C-SG Datasheet
475Kb / 41P
Remote Controller MCU
SST65P542R-8-C-SGE SST-SST65P542R-8-C-SGE Datasheet
475Kb / 41P
Remote Controller MCU
SST65P542R SST-SST65P542R_05 Datasheet
475Kb / 41P
Remote Controller MCU
More results


Similar Description - SST65P542R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
8-Bit Remote Type MCU
July 16, 2003
HT48RA0A HOLTEK-HT48RA0A Datasheet
238Kb / 31P
8-Bit Remote Type MCU
July 16, 2003
logo
SamHop Microelectronics...
SM3015 SAMHOP-SM3015 Datasheet
155Kb / 24P
REMOTE FAN MCU
logo
Holtek Semiconductor In...
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
Remote Type 8-Bit MCU
June 25, 2004
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
Remote Type 8-Bit MCU
December 21, 2005
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R_05 Datasheet
475Kb / 41P
Remote Controller MCU
logo
Holtek Semiconductor In...
HT48RA5 HOLTEK-HT48RA5_07 Datasheet
281Kb / 38P
Remote Type 8-Bit MCU
October 12, 2007
logo
Silan Microelectronics ...
SC73C1402 SILAN-SC73C1402 Datasheet
386Kb / 19P
4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
SC73C1602 SILAN-SC73C1602 Datasheet
487Kb / 23P
4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
SC73P1601 SILAN-SC73P1601 Datasheet
381Kb / 22P
4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com