Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC74HC595 Datasheet (PDF) - Silan Microelectronics Joint-stock

SC74HC595 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC74HC595
Download  SC74HC595 Download
File Size   264.94 Kbytes
Page   13 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 8BIT SHIFT REGISTER (SERIAL INPUT, 3S PARALLEL OUTPUT WITH LATCHES)

SC74HC595 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC74HC595 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC74HC595
Download  SC74HC595 Click to download

File Size   264.94 Kbytes
Page   13 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 8BIT SHIFT REGISTER (SERIAL INPUT, 3S PARALLEL OUTPUT WITH LATCHES)

SC74HC595 Datasheet (HTML) - Silan Microelectronics Joint-stock


SC74HC595 Product details

DESCRIPTION

SC74HC595 utilizes advanced CMOS technology, and has 8-bit shift register with serial input, serial/parallel output and 8-bit tri-state output flip-latch.  The pin configuration is in accord with the 54LS/74LS series, and the operating speed is similar to 54LS/74LS. This circuit has the protecting circuit for all the inputs and outputs to avoid the damage caused by the static discharge.  And  it  has  the  ability  of  driving  load  and  features high noise immunity.



FEATURES

* Wide operating voltage range       2~6V

* Low input current                           1mA

* High output driving ability             15 LS-TTL loads

* High operating speed(Typical)      fmax=55MHz (VCC=5V)

* Low supply current                        80mA



APPLICATIONS

* LED screen



 




Similar Part No. - SC74HC595

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SC741110 CELDUC-SC741110 Datasheet
97Kb / 2P
Power Solid State Relay
SC742110 CELDUC-SC742110 Datasheet
97Kb / 2P
Power Solid State Relay
logo
Silan Microelectronics ...
SC7422 SILAN-SC7422 Datasheet
169Kb / 8P
2CH AUDIO POWER AMPLIFIER (W x 2)
SC7422S SILAN-SC7422S Datasheet
169Kb / 8P
2CH AUDIO POWER AMPLIFIER (W x 2)
logo
List of Unclassifed Man...
SC744110 ETC1-SC744110 Datasheet
159Kb / 2P
Power Solid State Relay
More results


Similar Description - SC74HC595

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC164A ONSEMI-MC74HC164A Datasheet
195Kb / 8P
8-Bit Serial-Input/Parallel-Output Shift Register
March, 2000 ??Rev. 1
logo
Toshiba Semiconductor
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
logo
System Logic Semiconduc...
SL74LS164 SLS-SL74LS164 Datasheet
36Kb / 4P
8-Bit Serial-Input/Parallel-Output Shift Register
logo
Integral Corp.
IN74AC164 INTEGRAL-IN74AC164 Datasheet
168Kb / 5P
8-Bit Serial-Input/Parallel-Output Shift register
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LS164 KODENSHI-KK74LS164 Datasheet
279Kb / 5P
8-Bit Serial-Input/Parallel-Output Shift Register
logo
Motorola, Inc
MC54-74HC164A MOTOROLA-MC54-74HC164A Datasheet
250Kb / 9P
8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
NXP Semiconductors
74VHCT595BQ NXP-74VHCT595BQ Datasheet
246Kb / 22P
8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 2-4 July 2012
logo
ON Semiconductor
MC74HC164B ONSEMI-MC74HC164B Datasheet
97Kb / 9P
8-Bit Serial-Input/Parallel- Output Shift Register
March, 2016 ??Rev. 2
MC74HC164A ONSEMI-MC74HC164A_12 Datasheet
151Kb / 11P
8-Bit Serial-Input/Parallel- Output Shift Register
July, 2012 ??Rev. 6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com