Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7422 Datasheet (PDF) - Silan Microelectronics Joint-stock

SC7422 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC7422
Download  SC7422 Download
File Size   169.05 Kbytes
Page   8 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 2CH AUDIO POWER AMPLIFIER (W x 2)

SC7422 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC7422 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC7422
Download  SC7422 Click to download

File Size   169.05 Kbytes
Page   8 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 2CH AUDIO POWER AMPLIFIER (W x 2)

SC7422 Datasheet (HTML) - Silan Microelectronics Joint-stock


SC7422 Product details

DESCRIPTION
The  SC7422  is  a  class  AB  power  amplifier  which  designed  for dual audio purpose. It can deliver 2W × 2 power output to the 4ȍ load in the 5V operation voltage. Total harmonic distortion is lower than 0.03%. The output  mode  can  be  switched  between  the  SE  and  BTL  mode.  The volume also can be changed by a 32 steps volume controller. Moreover, the  SC7422  requires  a  few  extra  components  in  the  application.  It  is suitable for small or portable products.

FEATURES
* Operation voltage : 5V
* Output power : 2W×2(RL=4ȍ)
* Low harmonics distortion (THD=0.03%)
* 32 steps volume control with 1.5dB per step from -45dB to 0dB
* Two output modes (SE and BTL) switched
* Low quiescent operation current
* No POPO noise when turn on/off
* Standby function, Low standby current(Is<0.7ȝA)
* Thermally protected

APPLICATIONS
* LCD Monitors for TV
* Portable audio
* Multimedia audio
* Other audio applications




Similar Part No. - SC7422

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SC742110 CELDUC-SC742110 Datasheet
97Kb / 2P
Power Solid State Relay
More results


Similar Description - SC7422

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8201AH TOSHIBA-TA8201AH Datasheet
488Kb / 11P
18W BTL x 2CH AUDIO POWER AMPLIFIER
TA8210AH TOSHIBA-TA8210AH Datasheet
495Kb / 11P
20W BTL x 2CH AUDIO POWER AMPLIFIER
TA8221AH TOSHIBA-TA8221AH Datasheet
594Kb / 13P
30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233AH TOSHIBA-TA8233AH Datasheet
645Kb / 13P
30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233H TOSHIBA-TA8233H Datasheet
598Kb / 13P
30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8246H TOSHIBA-TA8246H Datasheet
370Kb / 10P
DUAL AUDIO POWER AMPLIFIER 6W x 2CH
TA8233BH TOSHIBA-TA8233BH Datasheet
1Mb / 14P
30W BTL X 2ch Audio Power Amplifier
logo
Silan Microelectronics ...
SA7496L SILAN-SA7496L Datasheet
279Kb / 9P
2CH AUDIO POWER AMPLIFIER(2W X 2)
SA7267 SILAN-SA7267 Datasheet
292Kb / 10P
2CH AUDIO POWER AMPLIFIER(20W X 2)
logo
Toshiba Semiconductor
TA8210H TOSHIBA-TA8210H Datasheet
740Kb / 11P
22W BTL x 2CH AUDIO POWER AMPLIFIER
1990-6-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com