Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA7496L Datasheet (PDF) - Silan Microelectronics Joint-stock

SA7496L Datasheet PDF - Silan Microelectronics Joint-stock
Part # SA7496L
Download  SA7496L Download
File Size   279.56 Kbytes
Page   9 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 2CH AUDIO POWER AMPLIFIER(2W X 2)

SA7496L Datasheet (PDF)

Go To PDF Page Download Datasheet
SA7496L Datasheet PDF - Silan Microelectronics Joint-stock

Part # SA7496L
Download  SA7496L Click to download

File Size   279.56 Kbytes
Page   9 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 2CH AUDIO POWER AMPLIFIER(2W X 2)

SA7496L Datasheet (HTML) - Silan Microelectronics Joint-stock


SA7496L Product details

DESCRIPTION

The  SA7496L  is  a  monolithic  two  channels  power  amplifier,  it  is  a stereo 2W+2W class AB output stage in the DIP20 and SOP20 package, specially designed for high quality sound, TV applications. It  also  has the features  of  linear  volume control, stand-by and mute functions.



FEATURES

* Max output  power: 2W+2W(RL=8ȍ)

* ST-BY & MUTE functions

* Linear volume control DC Coupled with power OP.AMP

* Short circuit protection

* Thermal overload protection

* Internally fixed gain

* Variable output after volume control circuit



APPLICATIONS

* Quality sound

* TV applications

* PC Speakers

* Sound processors

* Mini and micro audio receivers




Similar Part No. - SA7496L

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SA741 POLYFET-SA741 Datasheet
36Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Silan Microelectronics ...
SA7411 SILAN-SA7411 Datasheet
90Kb / 4P
1CH AUDIO POWER AMPLIFIER(1W)
SA7411S SILAN-SA7411S Datasheet
90Kb / 4P
1CH AUDIO POWER AMPLIFIER(1W)
SA7412 SILAN-SA7412 Datasheet
138Kb / 6P
2CH AUDIO POWER AMPLIFIER(1W X2)
logo
NXP Semiconductors
SA741C PHILIPS-SA741C Datasheet
102Kb / 7P
General purpose operational amplifier
1994 Aug 31
More results


Similar Description - SA7496L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7268 STMICROELECTRONICS-TDA7268 Datasheet
113Kb / 6P
2 x 2W STEREO AUDIO AMPLIFIER
1998-Mar
logo
Toshiba Semiconductor
TA8210AH TOSHIBA-TA8210AH Datasheet
495Kb / 11P
20W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233AH TOSHIBA-TA8233AH Datasheet
645Kb / 13P
30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233BH TOSHIBA-TA8233BH Datasheet
1Mb / 14P
30W BTL X 2ch Audio Power Amplifier
30-Oct-2002
logo
Princeton Technology Co...
PT2300 PTC-PT2300 Datasheet
341Kb / 15P
2W x 2 Class AB Audio Power Amplifier
logo
Silan Microelectronics ...
SC7422 SILAN-SC7422 Datasheet
169Kb / 8P
2CH AUDIO POWER AMPLIFIER (W x 2)
SA7267 SILAN-SA7267 Datasheet
292Kb / 10P
2CH AUDIO POWER AMPLIFIER(20W X 2)
logo
Princeton Technology Co...
PT2335 PTC-PT2335 Datasheet
249Kb / 5P
2W X 2 Stereo Integrated Audio Amplifier
logo
Unisonic Technologies
PA7493 UTC-PA7493_15 Datasheet
278Kb / 7P
2W X 2 CLASS AB AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8210H TOSHIBA-TA8210H Datasheet
740Kb / 11P
22W BTL x 2CH AUDIO POWER AMPLIFIER
1990-6-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com