Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2335 Datasheet (PDF) - Princeton Technology Corp

PT2335 Datasheet PDF - Princeton Technology Corp
Part # PT2335
Download  PT2335 Download
File Size   249.39 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 2W X 2 Stereo Integrated Audio Amplifier

PT2335 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2335 Datasheet PDF - Princeton Technology Corp

Part # PT2335
Download  PT2335 Click to download

File Size   249.39 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 2W X 2 Stereo Integrated Audio Amplifier

PT2335 Datasheet (HTML) - Princeton Technology Corp


PT2335 Product details

DESCRIPTION

The PT2335 is an integrated audio amplifier design for the low voltage (5V) application purpose, built-in stereo 2W Class-D power amplifier with audio processor, it provides 4 stereo sources selector, and all signal process is based on pure analog processing to maintain high performances and low power consumption. The audio processor includes all the advanced control functions such like digital controlled volume, adaptive loudness, treble and bass control. It also provides line output for versatile application. The whole chip functions are controlled via I2C bus.



FEATURES

• Supply voltage: 3 ~ 6V

• 4 Stereo inputs

• Input gain selectable (0dB, 3.75dB, 7.5dB, 11.25dB)

• Independent channel volume controller

• Loudness function

• Bass and treble control.

• 2W X 2 Class-D power amplifier (VDD=5V, RL=4Ω)

• 2 voltage gain setting for power amp (20dB, 26dB)

• Internal and external oscillator selectable

• Dual switching frequency for avoid AM radio interference

• Pop-Free circuitry eliminates unpleasant noises during power ON/OFF.

• Low power shutdown

• High PSRR

• Over heat/over current protection circuitry

• Controlled by I2C interface

• High power CMOS processing

• LQFP 48 pins package



APPLICATIONS

• Portable player duck speaker system

• Portable media player

• Digital photo frame

• Flat panel display and TV

• Other audio applications



 




Similar Part No. - PT2335

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT233 PTC-PT233 Datasheet
85Kb / 2P
Analog Function Switch
PT2332 PTC-PT2332 Datasheet
208Kb / 5P
2.2W횞2 Class-D Audio Power Amplifier
PT2332-S PTC-PT2332-S Datasheet
208Kb / 5P
2.2W횞2 Class-D Audio Power Amplifier
PT2332-X PTC-PT2332-X Datasheet
208Kb / 5P
2.2W횞2 Class-D Audio Power Amplifier
PT2334 PTC-PT2334 Datasheet
156Kb / 4P
Stereo 2W Class-D Amplifier with Built-In Audio Processor
More results


Similar Description - PT2335

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7268 STMICROELECTRONICS-TDA7268 Datasheet
113Kb / 6P
2 x 2W STEREO AUDIO AMPLIFIER
1998-Mar
logo
Global Mixed-mode Techn...
G1420 GMT-G1420 Datasheet
377Kb / 20P
2W Stereo Audio Amplifier
G1431 GMT-G1431 Datasheet
280Kb / 13P
2W Stereo Audio Amplifier
G1432 GMT-G1432 Datasheet
334Kb / 15P
2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3431 UTC-PA3431 Datasheet
266Kb / 11P
2W STEREO AUDIO AMPLIFIER
logo
Analog Devices
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
logo
Unisonic Technologies
PA3017 UTC-PA3017_15 Datasheet
403Kb / 10P
2W STEREO AUDIO AMPLIFIER
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_15 Datasheet
366Kb / 11P
2W STEREO AUDIO AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com