Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2332 Datasheet (PDF) - Princeton Technology Corp

PT2332 Datasheet PDF - Princeton Technology Corp
Part # PT2332
Download  PT2332 Download
File Size   208.82 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 2.2W횞2 Class-D Audio Power Amplifier

PT2332 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2332 Datasheet PDF - Princeton Technology Corp

Part # PT2332
Download  PT2332 Click to download

File Size   208.82 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 2.2W횞2 Class-D Audio Power Amplifier

PT2332 Datasheet (HTML) - Princeton Technology Corp


PT2332 Product details

The PT2332 is a CLASS-D power amplifier designed for audio equipments, maximum output power

can reach up to 2.2W x 2 (VDD = 5V, RL = 4Ω, THD = 10%). The PT2332 composed of exclusively

designed CLASS-D circuitry (patented) by PTC,along with the most advanced semi-conductor

technology. When compared to the traditional CLASS-AB amplifiers, the PT2332’s has a much higher efficiency (> 80%), low heat dissipation, and produces superior audio quality. PT2332’s external circuitry is simple and easily accessible, and consists of flawless self-protection capabilities. The chip’s packaging is small, thus it occupies an insignificant amount of space on the circuit board;therefore, making it the predominant choice when it comes to audio amplifiers.






Similar Part No. - PT2332

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT233 PTC-PT233 Datasheet
85Kb / 2P
Analog Function Switch
PT2334 PTC-PT2334 Datasheet
156Kb / 4P
Stereo 2W Class-D Amplifier with Built-In Audio Processor
PT2334-LQ PTC-PT2334-LQ Datasheet
156Kb / 4P
Stereo 2W Class-D Amplifier with Built-In Audio Processor
PT2335 PTC-PT2335 Datasheet
249Kb / 5P
2W X 2 Stereo Integrated Audio Amplifier
PT2335-L PTC-PT2335-L Datasheet
249Kb / 5P
2W X 2 Stereo Integrated Audio Amplifier
More results


Similar Description - PT2332

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
Class-D Audio Power Amplifier
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
Class-D Audio Power Amplifier
5/07-Revision 0
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
Class-D Audio Power Amplifier
logo
Princeton Technology Co...
PT2001 PTC-PT2001 Datasheet
250Kb / 4P
2.2W횞2 Class-D Audio Power Amp. 2.2W횞2 Class-D Audio Power Amp. with Headphone Output
logo
Analog Devices
ADAU1590 AD-ADAU1590_15 Datasheet
1Mb / 24P
Class-D Audio Power Amplifier
REV. 0
ADAU1592 AD-ADAU1592_15 Datasheet
607Kb / 24P
Class-D Audio Power Amplifier
REV. A
logo
International Rectifier
IRAUDAMP9 IRF-IRAUDAMP9_15 Datasheet
4Mb / 39P
Class D Audio Power Amplifier
logo
ON Semiconductor
LV4910T ONSEMI-LV4910T Datasheet
81Kb / 7P
Class-D Audio Power Amplifier
May, 2013
LV4924VH ONSEMI-LV4924VH Datasheet
436Kb / 15P
Class-D Audio power Amplifier
May, 2013
logo
Shenzhenshi YONGFUKANG ...
CSC8008 YONGFUKANG-CSC8008 Datasheet
301Kb / 7P
Class D audio power amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com