Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2334 Datasheet (PDF) - Princeton Technology Corp

PT2334 Datasheet PDF - Princeton Technology Corp
Part # PT2334
Download  PT2334 Download
File Size   156.23 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Stereo 2W Class-D Amplifier with Built-In Audio Processor

PT2334 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2334 Datasheet PDF - Princeton Technology Corp

Part # PT2334
Download  PT2334 Click to download

File Size   156.23 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Stereo 2W Class-D Amplifier with Built-In Audio Processor

PT2334 Datasheet (HTML) - Princeton Technology Corp


PT2334 Product details

DESCRIPTION

The PT2334 is an integrated stereo 2W Class-D amplifier accompany with a Class-AB headphone

driver. The input interface accepts both analog and digital audio sources; the chip included a 16-bit DAC to convert digital audio source to analog signal. The signal process is basically in analog domain to maintain the high performances and low power consumption. The PT2334 alsoprovide very useful multi-sources selection (Up to 4 sources) and tone control functions, thanks for the advanced CMOS technology now we could combine both audio processing and amplification into a single chip. The whole chip functions are controlled via I2C bus.



FEATURES

• Supply Voltage: 3.7~6V

• Differential input power amplifier for improved CMRR.

• 2W X 2 Class-D power amplifier (VDD=5V, RL=4Ω)

• 70mW X 2 Class-AB headphone driver (RL=32Ω)

• BASS and TREBLE control

• 32 steps volume controller

• 4 Inputs selection

• Audio line out (same level with volume and tone)

• Built-In 16 bits DAC for digital audio sources

• Pop-Free circuitry eliminates unpleasant noises during power ON/OFF.

• Low power shutdown

• Over Heat/Over current protection circuitry

• Controlled by I2C interface

• High Power CMOS processing

• Available in 48 Pins, LQFP



APPLICATIONS

• Flat panel display and TV

• Portable media player

• Portable player ducking system

• Digital photo frame

• Other audio applications




Similar Part No. - PT2334

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT233 PTC-PT233 Datasheet
85Kb / 2P
Analog Function Switch
PT2332 PTC-PT2332 Datasheet
208Kb / 5P
2.2W횞2 Class-D Audio Power Amplifier
PT2332-S PTC-PT2332-S Datasheet
208Kb / 5P
2.2W횞2 Class-D Audio Power Amplifier
PT2332-X PTC-PT2332-X Datasheet
208Kb / 5P
2.2W횞2 Class-D Audio Power Amplifier
PT2335 PTC-PT2335 Datasheet
249Kb / 5P
2W X 2 Stereo Integrated Audio Amplifier
More results


Similar Description - PT2334

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2356 AD-SSM2356 Datasheet
639Kb / 16P
2 횞 2W Filterless Class-D Stereo Audio Amplifier
REV. 0
logo
Princeton Technology Co...
PT2337 PTC-PT2337 Datasheet
259Kb / 5P
Stereo 2W Class-D Amplifier With Built-In Audio Processor
logo
Unisonic Technologies
PA3431 UTC-PA3431 Datasheet
266Kb / 11P
2W STEREO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8003 PAM-PAM8003 Datasheet
62Kb / 1P
Filterless 2W Class-D Stereo Audio Amplifier
logo
Analog Devices
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
SSM2306 AD-SSM2306_16 Datasheet
416Kb / 16P
2W, Filterless, Class-D Stereo Audio Amplifier
6/2016-Rev. 0 to Rev. A
logo
Princeton Technology Co...
PT2833 PTC-PT2833 Datasheet
224Kb / 4P
Stereo 15W Class-D Amplifier with Built-In Audio Processor and ALC
PT2833A PTC-PT2833A Datasheet
207Kb / 4P
Stereo 15W Class-D Amplifier with Built-In Audio Processor
PT2811 PTC-PT2811 Datasheet
206Kb / 5P
3W Stereo Class-D Amplifier with Audio Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com