Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2337 Datasheet (PDF) - Princeton Technology Corp

PT2337 Datasheet PDF - Princeton Technology Corp
Part # PT2337
Download  PT2337 Download
File Size   259.13 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Stereo 2W Class-D Amplifier With Built-In Audio Processor

PT2337 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2337 Datasheet PDF - Princeton Technology Corp

Part # PT2337
Download  PT2337 Click to download

File Size   259.13 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Stereo 2W Class-D Amplifier With Built-In Audio Processor

PT2337 Datasheet (HTML) - Princeton Technology Corp


PT2337 Product details

DESCRIPTION

The PT2337 is an integrated audio amplifier design for the low voltage (5V) application purpose, built-in

stereo 2W Class-D power amplifier with audio processor, it provides 4 stereo sources selector, and all signal process is based on pure analog processing to maintain high performances and low power consumption.



FEATURES

• Supply voltage: 3 ~ 6V

• 2W X 2 Class-D power amplifier (VDD=5V, RL=4Ω)

• 4 Stereo inputs

• 32 steps, independent channel volume controller

• Bass and treble control.

• 2 voltage gain setting for power amp, (20dB, 26dB)

• Pop-Free circuitry eliminates unpleasant noises during power ON/OFF.

• Low power shutdown

•High PSRR

• High RF radiation immunity.

• Over heat/over current protection

• Controlled by I2C interface

•Pin-compatible with PT2334 (Partly functions compatible)

• LQFP 48 pins package



APPLICATIONS

• Portable player duck speaker system

• Portable media player

• Digital photo frame

• Flat panel display and TV

• Other audio applications




Similar Part No. - PT2337

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT233 PTC-PT233 Datasheet
85Kb / 2P
Analog Function Switch
PT2332 PTC-PT2332 Datasheet
208Kb / 5P
2.2W횞2 Class-D Audio Power Amplifier
PT2332-S PTC-PT2332-S Datasheet
208Kb / 5P
2.2W횞2 Class-D Audio Power Amplifier
PT2332-X PTC-PT2332-X Datasheet
208Kb / 5P
2.2W횞2 Class-D Audio Power Amplifier
PT2334 PTC-PT2334 Datasheet
156Kb / 4P
Stereo 2W Class-D Amplifier with Built-In Audio Processor
More results


Similar Description - PT2337

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2356 AD-SSM2356 Datasheet
639Kb / 16P
2 횞 2W Filterless Class-D Stereo Audio Amplifier
REV. 0
logo
Princeton Technology Co...
PT2334 PTC-PT2334 Datasheet
156Kb / 4P
Stereo 2W Class-D Amplifier with Built-In Audio Processor
logo
Unisonic Technologies
PA3431 UTC-PA3431 Datasheet
266Kb / 11P
2W STEREO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8003 PAM-PAM8003 Datasheet
62Kb / 1P
Filterless 2W Class-D Stereo Audio Amplifier
logo
Analog Devices
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
SSM2306 AD-SSM2306_16 Datasheet
416Kb / 16P
2W, Filterless, Class-D Stereo Audio Amplifier
6/2016-Rev. 0 to Rev. A
logo
Princeton Technology Co...
PT2833 PTC-PT2833 Datasheet
224Kb / 4P
Stereo 15W Class-D Amplifier with Built-In Audio Processor and ALC
PT2833A PTC-PT2833A Datasheet
207Kb / 4P
Stereo 15W Class-D Amplifier with Built-In Audio Processor
PT2811 PTC-PT2811 Datasheet
206Kb / 5P
3W Stereo Class-D Amplifier with Audio Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com