Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5387 Datasheet (PDF) - Silan Microelectronics Joint-stock

SC5387 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC5387
Download  SC5387 Download
File Size   100.95 Kbytes
Page   5 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 3D EFFECT AUDIO PROCESSOR

SC5387 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC5387 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC5387
Download  SC5387 Click to download

File Size   100.95 Kbytes
Page   5 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 3D EFFECT AUDIO PROCESSOR

SC5387 Datasheet (HTML) - Silan Microelectronics Joint-stock


SC5387 Product details

DESCRIPTION
The  SC5387  is  a  3D  Effect  Audio  Processor  IC  utilizing  CMOS Technology.  It  features  a  specially  designed  HRTFs  filter  and  spaceenhanced  circuit,  thereby,  guaranteeing  excellent  audio  quality  and performance.  Least  external  components,  excellent  3D  effect  audio output, built-in LED display driver add to the enhanced quality of SC5387. Pin  assignment  and  application  circuit  are  optimized  for  cost  saving advantages and easy PCB layout.

FEATURES
 * CMOS Technology
 * Low Total Harmonic Distortion and High S/N Ratio:   THD+N<0.01%, S/N>95dB
 * Built-in LED Display Driver
 * Least External Components
 * Wide Operating Voltage Range: 5 – 9 V
 * 2-Channel Output

APPLICATIONS
 * Car Audio
 * Mini compo
 * Multimedia Audio Components
 * Home Stereo




Similar Part No. - SC5387

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SC5387 TOSHIBA-SC5387 Datasheet
228Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
SC5387S TOSHIBA-SC5387S Datasheet
228Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
More results


Similar Description - SC5387

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
SRS 3D SURROUND AUDIO PROCESSOR
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
SRS 3D SURROUND AUDIO PROCESSOR?
NJM2180 NJRC-NJM2180 Datasheet
383Kb / 12P
TruSurround 3D AUDIO PROCESSOR?
NJM2181 NJRC-NJM2181 Datasheet
46Kb / 5P
Passive Matrix TruSurroundTM 3D AUDIO PROCESSOR
NJM2198 NJRC-NJM2198 Datasheet
84Kb / 13P
SRS 3D SURROUND AUDIO PROCESSOR
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
SRS 3D SURROUND AUDIO PROCESSOR
logo
Princeton Technology Co...
PT2387 PTC-PT2387 Datasheet
43Kb / 2P
3D Effect Audio Processor IC
logo
New Japan Radio
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
3D SURROUND AUDIO PROCESSOR
NJM2702 NJRC-NJM2702 Datasheet
152Kb / 10P
3D SURROUND AUDIO PROCESSOR
logo
Princeton Technology Co...
PT2387 PTC-PT2387_10 Datasheet
296Kb / 12P
3D Effect Audio Processor IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com