Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2387 Datasheet (PDF) - Princeton Technology Corp

PT2387 Datasheet PDF - Princeton Technology Corp
Part # PT2387
Download  PT2387 Download
File Size   43.34 Kbytes
Page   2 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 3D Effect Audio Processor IC

PT2387 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2387 Datasheet PDF - Princeton Technology Corp

Part # PT2387
Download  PT2387 Click to download

File Size   43.34 Kbytes
Page   2 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 3D Effect Audio Processor IC

PT2387 Datasheet (HTML) - Princeton Technology Corp


PT2387 Product details

DESCRIPTION

PT2387 is a 3D Effect Audio Processor IC utilizing CMOS Technology. It features a specially designed PTC HRTFs Filter and space-enhanced circuit, thereby, guaranteeing excellent audio quality and performance. Least external components, excellent 3D effect audio output, built-in LED display driver add to the enhanced quality of PT2387. Pin assignments and application circuit are optimized for easy PCB Layout and cost saving benefits.



FEATURES

• CMOS technology

• Operating voltage range: 5V to 9 V

• THD=N<0.01%, S/N>95dB

• Specially designed PTC HRTFs filter technology and 3D space-enhanced circuit

• Least external components

• Built-in LED display driver

• Available in 8 Pins, DIP or SOP



APPLICATIONS

• Multi-media audio

• Car audio

• Walkman

• Home stereo

• TV

• PC speakers

• Notebook Computer/Laptop

• Other audio equipment



 




Similar Part No. - PT2387

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2387 PTC-PT2387 Datasheet
296Kb / 12P
3D Effect Audio Processor IC
PT2387-S PTC-PT2387-S Datasheet
296Kb / 12P
3D Effect Audio Processor IC
PT2387 PTC-PT2387_10 Datasheet
296Kb / 12P
3D Effect Audio Processor IC
More results


Similar Description - PT2387

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
SRS 3D SURROUND AUDIO PROCESSOR
NJM2180 NJRC-NJM2180 Datasheet
383Kb / 12P
TruSurround 3D AUDIO PROCESSOR?
NJM2198 NJRC-NJM2198 Datasheet
84Kb / 13P
SRS 3D SURROUND AUDIO PROCESSOR
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
SRS 3D SURROUND AUDIO PROCESSOR
logo
Princeton Technology Co...
PT2386 PTC-PT2386 Datasheet
57Kb / 4P
3D Effect IC
logo
New Japan Radio
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
3D SURROUND AUDIO PROCESSOR
NJM2702 NJRC-NJM2702 Datasheet
152Kb / 10P
3D SURROUND AUDIO PROCESSOR
logo
Silan Microelectronics ...
SC5387 SILAN-SC5387 Datasheet
100Kb / 5P
3D EFFECT AUDIO PROCESSOR
logo
Princeton Technology Co...
PT2386 PTC-PT2386_10 Datasheet
337Kb / 16P
3D Effect IC
PT2387 PTC-PT2387_10 Datasheet
296Kb / 12P
3D Effect Audio Processor IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com