Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2386 Datasheet (PDF) - Princeton Technology Corp

PT2386 Datasheet PDF - Princeton Technology Corp
Part # PT2386
Download  PT2386 Download
File Size   57.63 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 3D Effect IC

PT2386 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2386 Datasheet PDF - Princeton Technology Corp

Part # PT2386
Download  PT2386 Click to download

File Size   57.63 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 3D Effect IC

PT2386 Datasheet (HTML) - Princeton Technology Corp


PT2386 Product details

DESCRIPTION

PT2386 is an enhanced 3D Audio Effect IC utilizing CMOS Technology specially designed for the new generation of audio equipments. PT2386 features a bass booster function as well as the latest PTC 3D Audio Technology, thereby, guaranteeing highly powerful, extensive and true-to-life stereo sound stage effect. Furthermore, it does not need any additional complex external circuits making it very easy to design into any audio equipment products. Housed in 18 pins DIP package, PT2386 can operate at a wide operating voltage range and has low power consumption. Pin assignments and application circuit are optimized for easy PCB layout and cost saving benefits.



FEATURES

• CMOS technology

• Wide operating voltage Range: VDD=4V to 10V

• Low power consumption

• Very low total harmonic distortion: THD < 0.01%

• Wide output voltage range: greater than 3Vrms

• PTC 3D audio technology

• Built-in 3D LED driver

• 3D effect switching mode: direct or cyclic

• Least external components



APPLICATIONS

• Multi-media audio equipment

• Home audio equipment

• Portable audio equipment

• Car audio equipment

• Other audio equipment




Similar Part No. - PT2386

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2386 PTC-PT2386 Datasheet
337Kb / 16P
3D Effect IC
PT2386-S PTC-PT2386-S Datasheet
337Kb / 16P
3D Effect IC
PT2386 PTC-PT2386_10 Datasheet
337Kb / 16P
3D Effect IC
More results


Similar Description - PT2386

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2387 PTC-PT2387 Datasheet
43Kb / 2P
3D Effect Audio Processor IC
PT2389 PTC-PT2389 Datasheet
84Kb / 4P
5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
Sound Retrieval System; 3D Sound IC
logo
Silan Microelectronics ...
SC5387 SILAN-SC5387 Datasheet
100Kb / 5P
3D EFFECT AUDIO PROCESSOR
logo
Princeton Technology Co...
PT2386 PTC-PT2386_10 Datasheet
337Kb / 16P
3D Effect IC
PT2387 PTC-PT2387_10 Datasheet
296Kb / 12P
3D Effect Audio Processor IC
PT2389 PTC-PT2389_10 Datasheet
654Kb / 24P
5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
logo
Allegro MicroSystems
A1266 ALLEGRO-A1266 Datasheet
577Kb / 15P
Micropower Ultrasensitive 3D Hall-Effect Switch
logo
uPI Group Inc.
UE4001 UPI-UE4001 Datasheet
181Kb / 8P
2D/3D Infrared Object Tracking IC
logo
Allegro MicroSystems
A31316 ALLEGRO-A31316 Datasheet
3Mb / 61P
3D Magnetic Position Sensor IC
Revision 2 November 29, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com