Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8207 Datasheet (PDF) - Silan Microelectronics Joint-stock

SC8207 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC8207
Download  SC8207 Download
File Size   233.49 Kbytes
Page   9 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description FAN REMOTE CONTROL DECODER USED TOGETHER

SC8207 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC8207 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC8207
Download  SC8207 Click to download

File Size   233.49 Kbytes
Page   9 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description FAN REMOTE CONTROL DECODER USED TOGETHER

SC8207 Datasheet (HTML) - Silan Microelectronics Joint-stock


SC8207 Product details

DESCRIPTION
SC8207 is a high performance electronic fan controller LSI, Speed control, off-timer, nature wind, sleep mode are all built into a single chip. Light control, buzzer output, key control input, as well as remote control decoding circuitry are all provided to build a full function electronic fan with remote control capability having the highest performance with the least external components. Pin assignment and application circuit are optimized for easy PCB layout and cost saving for electronic fan application.
SC8207 adopted SDIP-22 or DIP-20 package

FEATURES
* Two groups swing function: level swing , cold-wind switch
level swing , vertical swing
* Independent light controlling: extension “ L”
* Three operation modes: ordinary, nature and rhythm sleep.
* Three speed modes: strong, middle and low
* Memory start-up mode
* Middle wind start-up
* Buzzer indicator function operation
* Two bits consumer code
* Built-in 455kHz oscillator circuit
* Continued press key for 6 sec, send out “Bi-Bi”
* Cooperate with SC5104 coder can build a full function electronic
* "ON/OFF" key select: "ON/OFF" — — “K” version
                                      "ON/SPEED"— —  other version
* Timer mode: A4: 0.5, 1, 2, 4 hours accumulated timer
                        N3: 1, 2, 4 hours non-accumulated

APPLICATIONS
* Fan remote controller
* Air cleaner
* Humidifier
* Heater




Similar Part No. - SC8207

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
Adapter/USB Dual Input Single-cell Li-ion Charger
SC820 SEMTECH-SC820 Datasheet
367Kb / 22P
Adapter/USB Dual Input Single-cell Li-ion Charger
logo
SamHop Microelectronics...
SC8200 SAMHOP-SC8200 Datasheet
99Kb / 5P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Silan Microelectronics ...
SC8201 SILAN-SC8201 Datasheet
565Kb / 9P
ONE-CELL LI BATTERY PROTECTION CIRCUIT
SC8204 SILAN-SC8204 Datasheet
215Kb / 9P
FAN REMTORE CONTROL DECODER
More results


Similar Description - SC8207

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
Remote Control Decoder
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
Remote Control Decoder?
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
Remote Control Decoder?
PT2275 PTC-PT2275 Datasheet
228Kb / 4P
Fan Remote Control
logo
List of Unclassifed Man...
SC5272 ETC-SC5272 Datasheet
180Kb / 12P
REMOTE CONTROL DECODER
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
REMOTE CONTROL DECODER PAIRED
SC9148B SILAN-SC9148B Datasheet
204Kb / 9P
INFRARED REMOTE CONTROL TRANSMITTER USED TOGETHER
logo
Princeton Technology Co...
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
Remote Control Decoder
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
Remote Control Decoder IC
April, 2006
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
REMOTE FAN CONTROL
2003-07-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com