Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8201 Datasheet (PDF) - Silan Microelectronics Joint-stock

SC8201 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC8201
Download  SC8201 Download
File Size   565.78 Kbytes
Page   9 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description ONE-CELL LI BATTERY PROTECTION CIRCUIT

SC8201 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC8201 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC8201
Download  SC8201 Click to download

File Size   565.78 Kbytes
Page   9 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description ONE-CELL LI BATTERY PROTECTION CIRCUIT

SC8201 Datasheet (HTML) - Silan Microelectronics Joint-stock


SC8201 Product details

DESCRIPTION
SC8201 is a LiFePO4 battery protection circuit. It is suitable for protecting LI+ battery against damage from over charge, over discharge, and over current. It contains high accurate voltage Detection and delay circuits.

FEATURES
* Low consumption current
    VDD=3.4V, IDD=(Typ. 3μA)
    VDD=1.8V, IDD=(Typ. 0.3μA)
* Wide supply voltage range: (1.8V~8V)
* Over-charge detection voltage 3.65V, Over-charge release voltage 3.45V.
* Over-discharge detection voltage 2.00V, Over-discharge release voltage 2.50V.
* Over current detect voltage 0.15V, Short Current detection voltage 1.00V.
* Overcharge/over-discharge/over-current detection delay times are generated by an internal circuit
* Charger detection
* Over current protection
* Small package

APPLICATIONS
* Protection IC for One-Cell LiFePO4 Battery Pack




Similar Part No. - SC8201

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
Adapter/USB Dual Input Single-cell Li-ion Charger
SC820 SEMTECH-SC820 Datasheet
367Kb / 22P
Adapter/USB Dual Input Single-cell Li-ion Charger
logo
SamHop Microelectronics...
SC8200 SAMHOP-SC8200 Datasheet
99Kb / 5P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Silan Microelectronics ...
SC8204 SILAN-SC8204 Datasheet
215Kb / 9P
FAN REMTORE CONTROL DECODER
SC8204A4F SILAN-SC8204A4F Datasheet
215Kb / 9P
FAN REMTORE CONTROL DECODER
More results


Similar Description - SC8201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT8660 ETC-AAT8660 Datasheet
586Kb / 24P
ONE-CELL LI-ION BATTERY PROTECTION IC
logo
Advanced Analog Technol...
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
ONE-CELL LI-ION BATTERY PROTECTION IC
V 2.0
AAT8636 AAT-AAT8636 Datasheet
162Kb / 16P
ONE-CELL LI-ION BATTERY PROTECTION IC
V 1.0
AAT8640 AAT-AAT8640 Datasheet
609Kb / 25P
ONE-CELL LI-ION BATTERY PROTECTION IC
V2.0
AAT8641 AAT-AAT8641 Datasheet
626Kb / 25P
ONE-CELL LI-ION BATTERY PROTECTION IC
V2.0
AAT8661 AAT-AAT8661 Datasheet
567Kb / 25P
ONE-CELL LI-ION BATTERY PROTECTION IC
V2.0
AAT8660 AAT-AAT8660 Datasheet
555Kb / 25P
ONE-CELL LI-ION BATTERY PROTECTION IC
V2.0
logo
Silan Microelectronics ...
SC8821 SILAN-SC8821 Datasheet
690Kb / 9P
ONE-CELL LI BATTERY PROTECTION CIRCUIT WITH BUILT-IN MOSFET
logo
E-CMOS Corporation
EC9526 E-CMOS-EC9526 Datasheet
505Kb / 7P
One-cell Li-ion/Li-polymer battery protection IC
logo
Mitsumi Electronics, Co...
MM3511 MITSUMI-MM3511 Datasheet
46Kb / 3P
One-cell li-ion/li-polymer battery protection IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com