Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8201 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC8201
Description  ONE-CELL LI BATTERY PROTECTION CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8201 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC8201 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SC8201
PIN CONFIGURATION
PIN DESCRIPTIONS
PIN No.
Symbol
I/O
Description
1
OD
O
FET gate connection pin for discharge control.
2
CSI
I/O
Detecting pin for current sense, charger detect.
3
OC
O
FET gate connection pin for charge control.
4
TD
I
Test pin for delay time.
5
VDD
I
Positive power input pin.
6
VSS
Negative power input pin.
I
FUNCTION DESCRIPTIONS
Normal state
If VODL<VDD<VOCU and VCH<VCSI<VOI1, M1 and M2 (refer to the typical application circuit, they are used to
control the charge/discharge state) are both turned on. The charging and discharging processes can be operated
normally at this time.
Overcharge Detection
When enter overcharge state from normal state, the battery voltage can be detected from VDD. When the
battery voltage VDD is larger than VOCU over a delay time of TOC, then enter the overcharge state from normal
state and M2 is to be turned off.
Release of Overcharge State
There are two ways to return to normal state from overcharge state.
• If the battery is self discharging and VDD<VOCR occurs, M2 is to be turned on and back to normal state.
• Remove the charger and connected to a load. If VOCR<VDD<VOCU and VCSI>VOI1 occurs, M2 is to be turned
on and back to normal state.
HANGZHOU MICROELECTRONICS CO.,LTD
REV:1.3
2008.06.25
Http://www.silan.com.cn
Page 3 of 10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com