Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8201 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC8201
Description  ONE-CELL LI BATTERY PROTECTION CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8201 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC8201 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8201 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SC8201
HANGZHOU MICROELECTRONICS CO.,LTD
REV:1.3
2008.06.25
Http://www.silan.com.cn
Page 4 of 10
Overdischarge Detection
When enter overdischarge state from normal state, the battery voltage can be detected from VDD. When the
battery voltage VDD is smaller than VODL over a delay time of TOD; M1 is to be turned off. In the meanwhile, CSI
is pulled to VDD by way of internal resistor RCSID. If VCSI>VOI2, the protection IC enters into Power-down mode.
(Its current consumption is lower than 0.3
μA).
Release of Power-down Mode
A charger is connected while the battery remains in Power-down mode, if VCH<VCSI<VOI2 and VDD<VODR
occur, M1 is still off but it releases Power-down mode. If VDD>VODR occurs, M1 is to be turned on and back to
normal state.
Charge Detection
If a charger is connected to the battery remained in Power-down mode, if VCSI<VCH and VDD>VODL, M1 is to
be turned on and back to normal state.
Abnormal Charging State
If a charger is connected to the battery in normal state, VCSI<VCH occurs over a delay time longer than TOC,
M2 is to be turned off.
Over Current/Short Current Detection
When the discharging current is too large under normal state and the voltage detected from CSI is larger than
VOI1 (VIO2) for over a certain delay time TOI1 (TIO2), it means the over current/short current state occurred. M1 is
turned off. CSI is pulled to VSS by way of an internal resistor RCSIS.
Release of Over Current/Short Current State
While the protection IC remains in Over Current/Short Current state and load is removed or the impedance
between VBAT+ and VBAT- is larger than 500K
Ω and VCSI<VOI1, M1 is to be turned on and back to normal state.
Note: when a battery is connected to a protection IC for the first time, the IC may not enter the normal state (not
dischargeable state). If this occurs, set the CSI pin voltage equal to the VSS voltage (short the CSI and
VSS pins or connect a charger) to enter the normal state.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com