Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3098 Datasheet (PDF) - Toshiba Semiconductor

2SC3098 Datasheet PDF - Toshiba Semiconductor
Part # 2SC3098
Download  2SC3098 Download
File Size   210.23 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (UHF~C BAND LOW NOISE AMPLIFIER APPLICATIONS)

2SC3098 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3098 Datasheet PDF - Toshiba Semiconductor

Part # 2SC3098
Download  2SC3098 Click to download

File Size   210.23 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (UHF~C BAND LOW NOISE AMPLIFIER APPLICATIONS)

2SC3098 Datasheet (HTML) - Toshiba Semiconductor


2SC3098 Product details

UHF~C Band Low Noise Amplifier Applications

• Low noise figure
• NF = 2.5dB, |S21e|2 = 14.5dB (f = 500 MHz)
• NF = 3.0dB, |S21e|2 = 9.0dB (f = 1 GHz)




Similar Part No. - 2SC3098

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3098 KEXIN-2SC3098 Datasheet
36Kb / 1P
Silicon NPN Epitaxial
More results


Similar Description - 2SC3098

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2753 TOSHIBA-2SC2753 Datasheet
219Kb / 3P
TRANSISTOR (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC3011 TOSHIBA-2SC3011 Datasheet
223Kb / 4P
TRANSISTOR (UHF~C BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC3099 TOSHIBA-2SC3099 Datasheet
208Kb / 3P
TRANSISTOR (VHF ~ UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
logo
Sanyo Semicon Device
SBFP420B SANYO-SBFP420B Datasheet
54Kb / 15P
UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP405B SANYO-SBFP405B Datasheet
22Kb / 2P
UHF to C Band Low-Noise Amplifier Osc. Applications
2SC6024 SANYO-2SC6024 Datasheet
84Kb / 15P
UHF to C Band Low-Noise Amplifier and OSC Applications
SBFP420D SANYO-SBFP420D Datasheet
61Kb / 12P
UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP540B SANYO-SBFP540B Datasheet
71Kb / 15P
UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP540M SANYO-SBFP540M Datasheet
75Kb / 16P
UHF to C Band Low Noise Amplifier, Low Phase Noise Oscillation Applications
logo
Toshiba Semiconductor
2SC1551 TOSHIBA-2SC1551 Datasheet
269Kb / 5P
UHF~C Band Low Noise Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com