Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3122 Datasheet (PDF) - Toshiba Semiconductor

2SC3122 Datasheet PDF - Toshiba Semiconductor
Part # 2SC3122
Download  2SC3122 Download
File Size   171.82 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (TV VHF RF AMPLIFIER APPLICATIONS)

2SC3122 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3122 Datasheet PDF - Toshiba Semiconductor

Part # 2SC3122
Download  2SC3122 Click to download

File Size   171.82 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (TV VHF RF AMPLIFIER APPLICATIONS)

2SC3122 Datasheet (HTML) - Toshiba Semiconductor


2SC3122 Product details

TV VHF RF Amplifier Applications



• High gain: Gpe = 24dB (typ.) (f = 200 MHz)

• Low noise: NF = 2.0dB (typ.) (f = 200 MHz)

• Excellent forward AGC characteristics



 




Similar Part No. - 2SC3122

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3122 KEXIN-2SC3122 Datasheet
48Kb / 2P
Silicon NPN Epitaxial
logo
Inchange Semiconductor ...
2SC3122 ISC-2SC3122 Datasheet
149Kb / 4P
isc Silicon NPN RF Transistor
More results


Similar Description - 2SC3122

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2349 TOSHIBA-2SC2349 Datasheet
186Kb / 3P
TRANSISTOR (TV VHF OSCILLATOR APPLICATIONS)
2SC3120 TOSHIBA-2SC3120 Datasheet
230Kb / 4P
TRANSISTOR (TV TUNER, UHF MIXER, VHF~UHF BAND RF AMPLIFIER APPLICATIONS)
2SC4249 TOSHIBA-2SC4249 Datasheet
176Kb / 4P
NPN EPITAXIAL PLANAR TYPE (TV VHF RF AMPLIFIER APPLICATIONS)
HN3C01F TOSHIBA-HN3C01F Datasheet
96Kb / 1P
NPN EPITAXIAL PLANAR TYPE (TV TUNERM VHF CONVERTER, TV VHF RF AMPLIFIER APPLICATIONS)
HN3C01FU TOSHIBA-HN3C01FU Datasheet
92Kb / 1P
NPN EPITAXIAL PLANAR TYPE (TV TUNERM VHF CONVERTER, TV VHF RF AMPLIFIER APPLICATIONS)
TA4006F TOSHIBA-TA4006F Datasheet
180Kb / 5P
TV,FM TUNER VHF/UHF RF AMPLIFIER APPLICATIONS
TA4007F TOSHIBA-TA4007F Datasheet
180Kb / 5P
TV,FM TUNER VHF RF AMPLIFIER APPLICATIONS
logo
Hitachi Semiconductor
2SC3374 HITACHI-2SC3374 Datasheet
41Kb / 1P
VHF AMPLIFIER VHF TV TUNER RF AMPLIFIER
logo
Toshiba Semiconductor
3SK195 TOSHIBA-3SK195_07 Datasheet
709Kb / 6P
TV Tuner, VHF RF Amplifier Applications
logo
Hitachi Semiconductor
2SC1856 HITACHI-2SC1856 Datasheet
810Kb / 5P
VHF TV TUNER RF AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com