Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4249 Datasheet (PDF) - Toshiba Semiconductor

2SC4249 Datasheet PDF - Toshiba Semiconductor
Part # 2SC4249
Download  2SC4249 Download
File Size   176.74 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL PLANAR TYPE (TV VHF RF AMPLIFIER APPLICATIONS)

2SC4249 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4249 Datasheet PDF - Toshiba Semiconductor

Part # 2SC4249
Download  2SC4249 Click to download

File Size   176.74 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL PLANAR TYPE (TV VHF RF AMPLIFIER APPLICATIONS)

2SC4249 Datasheet (HTML) - Toshiba Semiconductor


2SC4249 Product details

TV VHF RF Amplifier Applications

• High gain: Gpe = 24dB (typ.) (f = 200 MHz)
• Low noise: NF = 2.0dB (typ.) (f = 200 MHz)
• Excellent forward AGC characteristics




Similar Part No. - 2SC4249

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC4249 KEXIN-2SC4249 Datasheet
44Kb / 1P
Silicon NPN Epitaxial
logo
Inchange Semiconductor ...
2SC4249 ISC-2SC4249 Datasheet
174Kb / 4P
Low Noise
More results


Similar Description - 2SC4249

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3123 TOSHIBA-2SC3123 Datasheet
216Kb / 4P
NPN EPITAXIAL PLANAR TYPE(TV VHF MIXER APPLICATIONS)
2SC3124 TOSHIBA-2SC3124 Datasheet
168Kb / 3P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, VHF OSCILLATOR APPLICATIONS)
2SC3125 TOSHIBA-2SC3125 Datasheet
174Kb / 3P
NPN EPITAXIAL PLANAR TYPE (TV FINAL PICTURE RF AMPLIFIER APPLICATIONS)
2SC4244 TOSHIBA-2SC4244 Datasheet
181Kb / 4P
NPN EPITAXIAL PLANAR TYPE (UHF TV TUNER RF AMPLIFIER APPLICATIONS)
2SC4245 TOSHIBA-2SC4245 Datasheet
231Kb / 4P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF MIXER, VHF~UHF BAND RF AMPLIFIER APPLICATIONS
2SC4250 TOSHIBA-2SC4250 Datasheet
236Kb / 4P
NPN EPITAXIAL PLANAR TYPE (TV VHF MIXER APPLICATIONS)
2SC4251 TOSHIBA-2SC4251 Datasheet
171Kb / 3P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, VHF OSCILLATOR APPLICATIONS)
HN3C01F TOSHIBA-HN3C01F Datasheet
96Kb / 1P
NPN EPITAXIAL PLANAR TYPE (TV TUNERM VHF CONVERTER, TV VHF RF AMPLIFIER APPLICATIONS)
HN3C01FU TOSHIBA-HN3C01FU Datasheet
92Kb / 1P
NPN EPITAXIAL PLANAR TYPE (TV TUNERM VHF CONVERTER, TV VHF RF AMPLIFIER APPLICATIONS)
2SC3123 TOSHIBA-2SC3123_07 Datasheet
624Kb / 5P
Silicon NPN Epitaxial Planar Type TV VHF Mixer Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com